Electronic Components Datasheet Search
  English  ▼

X  

MAX17332 Datasheet (PDF) - Analog Devices

MAX17332 Datasheet PDF - Analog Devices
Part # MAX17332
Download  MAX17332 Download
File Size   10783.4 Kbytes
Page   35 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Installs all EV kit files on a computer

MAX17332 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX17332 Datasheet PDF - Analog Devices

Part # MAX17332
Download  MAX17332 Click to download

File Size   10783.4 Kbytes
Page   35 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Installs all EV kit files on a computer

MAX17332 Datasheet (HTML) - Analog Devices


MAX17332 Product details

Benefits and Features
● ModelGauge m5 Algorithm
● Charges, Monitors, and Protects a 1S Battery
● Full Protection Solution On-Board for Evaluation
● Battery Voltage (VBATT) Range of +2.16V to +4.9V
with Default Hardware
● Input Voltage up to 5.7V
● Default Current Range -5A (Discharge) to +2.56A
(Charge) with 10mΩ Sense Resistor (Higher Currents
can be Supported by Changing to a Smaller Sense
Resistor)
● Two Thermistor Measurements
● On-Board I2C Communication Interface with Built-In
MAXUSB Interface
● Windows 7 or Newer Compatible Software
● Proven PCB Layout
● Fully Assembled and Tested




Similar Part No. - MAX17332

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX17332 AD-MAX17332 Datasheet
4Mb / 168P
AccuCharge ModelGauge m5 EZ 1-Cell Charger, Fuel Gauge, and Protector
Rev 1; 1/23
MAX17332X22+ AD-MAX17332X22+ Datasheet
4Mb / 168P
AccuCharge ModelGauge m5 EZ 1-Cell Charger, Fuel Gauge, and Protector
Rev 1; 1/23
MAX17332X22+T AD-MAX17332X22+T Datasheet
4Mb / 168P
AccuCharge ModelGauge m5 EZ 1-Cell Charger, Fuel Gauge, and Protector
Rev 1; 1/23
More results


Similar Description - MAX17332

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
KU968 GSR-KU968 Datasheet
402Kb / 2P
Computer-on-Modules
logo
PHOENIX CONTACT
1085797 PHOENIX-1085797 Datasheet
274Kb / 4P
Repair kit - EV-T2CCS-MF-M4X10
1085800 PHOENIX-1085800 Datasheet
252Kb / 4P
Repair kit - EV-T1CCS-MF-M4X10
logo
Maxim Integrated Produc...
MAX20049EVKIT MAXIM-MAX20049EVKIT Datasheet
682Kb / 12P
MAX20049 EV kit
2018
MAX20084EVKIT MAXIM-MAX20084EVKIT Datasheet
1Mb / 7P
MAX20084 EV kit
2021
MAX20408EVKIT MAXIM-MAX20408EVKIT Datasheet
964Kb / 7P
MAX20408/MAX20410 EV kit
2021
MAX17227A MAXIM-MAX17227A Datasheet
414Kb / 6P
MAX17227A TDFN EV kit
2020
MAX17620EVKIT MAXIM-MAX17620EVKIT Datasheet
367Kb / 8P
MAX17620 EV kit
2015
MAX6226EVKIT MAXIM-MAX6226EVKIT_V01 Datasheet
828Kb / 5P
MAX6226 EV kit
2021
logo
PHOENIX CONTACT
1295744 PHOENIX-1295744 Datasheet
223Kb / 4P
Repair kit - EV-T1CCS-M4X20-CTS
Nov 16, 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com