Electronic Components Datasheet Search
  English  ▼

X  

LPC54005JBD100 Datasheet (PDF) - NXP Semiconductors

LPC54005JBD100 Datasheet PDF - NXP Semiconductors
Part # LPC54005JBD100
Download  LPC54005JBD100 Download
File Size   3373.11 Kbytes
Page   163 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit ARM Cortex-M4 microcontroller

LPC54005JBD100 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC54005JBD100 Datasheet PDF - NXP Semiconductors

Part # LPC54005JBD100
Download  LPC54005JBD100 Click to download

File Size   3373.11 Kbytes
Page   163 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit ARM Cortex-M4 microcontroller

LPC54005JBD100 Datasheet (HTML) - NXP Semiconductors


LPC54005JBD100 Product details

General description
The LPC540xx is a family of ARM Cortex-M4 based microcontrollers for embedded
applications featuring a rich peripheral set with very low power consumption and
enhanced debug features.
The ARM Cortex-M4 is a 32-bit core that offers system enhancements such as low power
consumption, enhanced debug features, and a high level of support block integration. The
ARM Cortex-M4 CPU incorporates a 3-stage pipeline, uses a Harvard architecture with
separate local instruction and data buses as well as a third bus for peripherals, and
includes an internal prefetch unit that supports speculative branching. The ARM
Cortex-M4 supports single-cycle digital signal processing and SIMD instructions. A
hardware floating-point processor is integrated into the core.
The LPC540xx family includes 360 KB of on-chip SRAM, a quad SPI Flash Interface
(SPIFI) for expanding program memory, one high-speed and one full-speed USB host and
device controller, Ethernet AVB, LCD controller, Smart Card Interfaces, SD/MMC, CAN
FD, an External Memory Controller (EMC), a DMIC subsystem with PDM microphone
interface and I2S, five general-purpose timers, SCTimer/PWM, RTC/alarm timer,
Multi-Rate Timer (MRT), a Windowed Watchdog Timer (WWDT), ten flexible serial
communication peripherals (USART, SPI, I2S, I2C interface), Secure Hash Algorithm
(SHA), 12-bit 5.0 Msamples/sec ADC, and a temperature sensor.
Features and benefits
 ARM Cortex-M4 core (version r0p1):
 ARM Cortex-M4 processor, running at a frequency of up to 180 MHz.
 Floating Point Unit (FPU) and Memory Protection Unit (MPU).
 ARM Cortex-M4 built-in Nested Vectored Interrupt Controller (NVIC).
 Non-maskable Interrupt (NMI) input with a selection of sources.
 Serial Wire Debug (SWD) with six instruction breakpoints, two literal comparators,
and four watch points. Includes Serial Wire Output and ETM Trace for enhanced
debug capabilities, and a debug timestamp counter.
 System tick timer.
 On-chip memory:
 Up to 360 KB total SRAM consisting of 160 KB contiguous main SRAM and an
additional 192 KB SRAM on the I&D buses. 8 KB of SRAM bank intended for USB
traffic.




Similar Part No. - LPC54005JBD100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC54005JBD100 NXP-LPC54005JBD100 Datasheet
3Mb / 168P
32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
LPC54005JBD100 NXP-LPC54005JBD100 Datasheet
6Mb / 172P
32-bit ARM Cortex-M4 microcontroller
27 January 2019
More results


Similar Description - LPC54005JBD100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
32-bit ARM Cortex-M3 microcontroller;
logo
NXP Semiconductors
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
logo
TALEMA Group. LLC
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
32-Bit ARM Cortex-M0 Microcontroller
logo
Renesas Technology Corp
S3A7 RENESAS-S3A7 Datasheet
1Mb / 133P
32-bit ARM Cortex-M4 microcontroller
S7G2 RENESAS-S7G2 Datasheet
1Mb / 116P
32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com