Electronic Components Datasheet Search
  English  ▼

X  

LPC802 Datasheet (PDF) - NXP Semiconductors

LPC802 Datasheet PDF - NXP Semiconductors
Part # LPC802_V01
Download  LPC802 Download
File Size   3475.09 Kbytes
Page   79 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit ARM Cortex-M0 microcontroller

LPC802 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC802 Datasheet PDF - NXP Semiconductors

Part # LPC802_V01
Download  LPC802 Click to download

File Size   3475.09 Kbytes
Page   79 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit ARM Cortex-M0 microcontroller

LPC802 Datasheet (HTML) - NXP Semiconductors


LPC802 Product details

General description
The LPC802 are an ARM Cortex-M0+ based, low-cost 32-bit MCU family operating at
CPU frequencies of up to 15 MHz. The LPC802 supports 16 KB of flash memory and
2 KB of SRAM.
The peripheral complement of the LPC802 includes one I2C-bus interface, up to two
USARTs, one SPI interface, one multi-rate timer, self-wake-up timer, one general purpose
32-bit counter/timer, one 12-bit ADC, one analog comparator, function-configurable I/O
ports through a switch matrix, and up to 17 general-purpose I/O pins.
For additional documentation related to the LPC802 parts, see Section 19.
Features and benefits
 System:
 ARM Cortex-M0+ processor (revision r0p1), running at frequencies of up to
15 MHz with single-cycle multiplier and fast single-cycle I/O port.
 ARM Cortex-M0+ built-in Nested Vectored Interrupt Controller (NVIC).
 System tick timer.
 AHB multilayer matrix.
 Serial Wire Debug (SWD) with four break points and two watch points. JTAG
boundary scan (BSDL) supported.
 Memory:
 16 KB on-chip flash programming memory.
 Code Read Protection (CRP).
 2 KB SRAM.
 Dual I/O power (LPC802M011JDH20):
 Independent supplies on each package side permitting level-shifting signals from
one off-chip voltage domain to another and/or interfacing directly to off-chip
peripherals operating at different supply levels.
 ROM API support:
 Boot loader.
 Supports Flash In-Application Programming (IAP).
 Supports In-System Programming (ISP) through USART.
 On-chip ROM APIs for integer divide.
 Free Running Oscillator (FRO) API.
Applications
 Sensor gateways  Simple motor control
 Industrial  Portables and wearables
 Gaming controllers  Lighting
 8/16-bit applications  Motor control
 Consumer  Fire and security applications
 Climate control




Similar Part No. - LPC802_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC802M001JDH16 NXP-LPC802M001JDH16 Datasheet
3Mb / 81P
32-bit ARM Cortex-M0 microcontroller
25 September 2019
LPC802M001JDH16J NXP-LPC802M001JDH16J Datasheet
3Mb / 81P
32-bit ARM Cortex-M0 microcontroller
25 September 2019
LPC802M001JDH20 NXP-LPC802M001JDH20 Datasheet
3Mb / 81P
32-bit ARM Cortex-M0 microcontroller
25 September 2019
LPC802M001JDH20J NXP-LPC802M001JDH20J Datasheet
3Mb / 81P
32-bit ARM Cortex-M0 microcontroller
25 September 2019
LPC802M001JHI33 NXP-LPC802M001JHI33 Datasheet
3Mb / 81P
32-bit ARM Cortex-M0 microcontroller
25 September 2019
More results


Similar Description - LPC802_V01

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
ARM Cortex??M0 32-BIT MICROCONTROLLER
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
32-Bit ARM Cortex-M0 Microcontroller
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
32-bit ARM Cortex-M0 microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
ARM Cortex??M0 32-BIT MICROCONTROLLER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com