Electronic Components Datasheet Search
  English  ▼

X  

LPC55S26JEV98K Datasheet (PDF) - NXP Semiconductors

LPC55S26JEV98K Datasheet PDF - NXP Semiconductors
Part # LPC55S26JEV98K
Download  LPC55S26JEV98K Download
File Size   4774.14 Kbytes
Page   126 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit Arm Cortex®-M33

LPC55S26JEV98K Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC55S26JEV98K Datasheet PDF - NXP Semiconductors

Part # LPC55S26JEV98K
Download  LPC55S26JEV98K Click to download

File Size   4774.14 Kbytes
Page   126 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit Arm Cortex®-M33

LPC55S26JEV98K Datasheet (HTML) - NXP Semiconductors


LPC55S26JEV98K Product details

General description
The LPC55S2x/LPC552x is an ARM Cortex-M33 based microcontroller for embedded
applications. These devices include a CASPER Crypto/FFT engine, up to 256 KB of
on-chip SRAM, up to 512 KB on-chip flash, PRINCE module for on-the-fly flash
encryption/decryption, high-speed and full-speed USB host and device interface with
crystal-less operation for full-speed, SD/MMC/SDIO interface, five general-purpose
timers, one SCTimer/PWM, one RTC/alarm timer, one 24-bit Multi-Rate Timer (MRT), a
Windowed Watchdog Timer (WWDT), nine flexible serial communication peripherals
(which can be configured as a USART, SPI, high speed SPI, I2C, or I2S interface),
Programmable Logic Unit (PLU), one 16-bit 1.0 Msamples/sec ADC, comparator, and
temperature sensor.
To support security requirements, the LPC55S2x/LPC552x also offers support for secure
boot, HASH, AES, RSA, UUID, dynamic encrypt and decrypt, debug authentication, and
TBSA compliance.
Features and benefits
 ARM Cortex-M33 core (r0p3):
 Running at a CPU frequency of up to 150 MHz
 Memory Protection Unit (MPU).
 ARM Cortex M33 built-in Nested Vectored Interrupt Controller (NVIC).
 Non-maskable Interrupt (NMI) input with a selection of sources.
 Serial Wire Debug with eight breakpoints and four watch points. Includes Serial
Wire Output for enhanced debug capabilities.
 System tick timer.
 CASPER Crypto co-processor is provided to enable hardware acceleration for various
functions required for certain asymmetric cryptographic algorithms, such as, Elliptic
Curve Cryptography (ECC).
 On-chip memory:
 Up to 512 KB on-chip flash program memory with flash accelerator and 256 byte
page erase and write.
 Up to 256 KB total SRAM consisting of 32 KB SRAM on Code Bus, 208 KB SRAM
on System Bus (192 KB is contiguous), and additional 16 KB USB SRAM on
System Bus which can be used by the USB interface or for general purpose use.




Similar Part No. - LPC55S26JEV98K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC55S26JEV98 NXP-LPC55S26JEV98 Datasheet
4Mb / 126P
32-bit Arm Cortex짰-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 1.8-4 March 2020
LPC55S26JEV98 NXP-LPC55S26JEV98 Datasheet
3Mb / 132P
32-bit Arm Cortex짰-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 2.1-6 August 2021
LPC55S26JEV98 NXP-LPC55S26JEV98 Datasheet
3Mb / 140P
32-bit Arm Cortex®-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 2.2 - 8 December 2022
LPC55S26JEV98 NXP-LPC55S26JEV98 Datasheet
1Mb / 132P
32-bit Arm Cortex®-M33 microcontroller
Rev. 2.3 - 29 August 2024
More results


Similar Description - LPC55S26JEV98K

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E2H4 CYPRESS-S6E2H4 Datasheet
4Mb / 160P
32-bit ARM Cortex-M4F
logo
NXP Semiconductors
LPC84X NXP-LPC84X Datasheet
2Mb / 97P
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018
logo
Nuvoton Technology Corp...
M2354 NUVOTON-M2354_V01 Datasheet
4Mb / 234P
NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
M480 NUVOTON-M480_V02 Datasheet
12Mb / 525P
NuMicro® Family Arm® 32-bit Cortex®-M4 Microcontroller
Rev 3.03
logo
Infineon Technologies A...
XMC7100 INFINEON-XMC7100 Datasheet
2Mb / 196P
XMC7000 microcontroller 32-bit Arm® Cortex®-M7 General description
Rev. A 2022-10-20
XMC4100 INFINEON-XMC4100_V01 Datasheet
2Mb / 93P
ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
logo
Nuvoton Technology Corp...
M254 NUVOTON-M254 Datasheet
8Mb / 256P
NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev 1.01 / Nov. 12, 2021
logo
NXP Semiconductors
LPC55S3X NXP-LPC55S3X Datasheet
3Mb / 164P
32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
Rev. 3.2 - 22 September 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com