Electronic Components Datasheet Search
  English  ▼

X  

JN5189HN Datasheet (PDF) - NXP Semiconductors

JN5189HN Datasheet PDF - NXP Semiconductors
Part # JN5189HN
Download  JN5189HN Download
File Size   952.69 Kbytes
Page   92 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description low power wireless MCU

JN5189HN Datasheet (PDF)

Go To PDF Page Download Datasheet
JN5189HN Datasheet PDF - NXP Semiconductors

Part # JN5189HN
Download  JN5189HN Click to download

File Size   952.69 Kbytes
Page   92 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description low power wireless MCU

JN5189HN Datasheet (HTML) - NXP Semiconductors


JN5189HN Product details

General description
The JN5189 and JN5189T (called JN5189 throughout this document) are ultra-low power,
high performance Arm® Cortex®-M4 based wireless microcontrollers supporting
ZigBee 3.0 networking stack to facilitate the development of Home Automation, Light Link
and Remote control applications.
The JN5189 includes a 2.4 GHz IEEE 802.15.4 compliant transceiver and a
comprehensive mix of analog and digital peripherals. Ultra-low current consumption in
both radio receive and transmit modes and also in the power down modes allow use of
coin cell batteries.
The product has 640 KB embedded Flash, 152 KB RAM memory. The embedded flash
can support Over The Air (OTA) code download of applications. The devices include
10-channel PWM, two timers, one RTC/alarm timer, a Windowed Watchdog Timer
(WWDT), two USARTs, two SPI interfaces, two I2C interfaces, a DMIC subsystem with
dual-channel PDM microphone interface with voice activity detector, one 12-bit ADC,
temperature sensor and comparator.
The JN5189T variant has an internal NFC tag and with connections to the external NFC
antenna.
The JN5188 variant has the same functionality as the JN5189 except for reduced memory
sizes of 320 KB embedded Flash, 88 KB RAM. The JN5188T variant has the functionality
of the JN5188 with the addition of an embedded NFC tag.
The Arm Cortex-M4 is a 32-bit core that offers system enhancements such as low power
consumption, enhanced debug features, and a high level support of the block integration.
The Arm Cortex-M4 CPU, operates at up to 48 MHz.
Radio features
 2.4 GHz IEEE 802.15.4 2011 compliant
 Receiver current 4.3 mA
 IEEE 802.15.4 Receiver sensitivity 100 dBm
 Improved co-existence with WiFi
 Configurable transmit power up to +11 dBm, with 46 dB range
 Transmit power / current +10 dBm / 20.28 mA
 Transmit power / current +3 dBm / 9.44 mA
 Transmit power / current 0 dBm / 7.36 mA
 1.9 V to 3.6 V supply voltage
 Antenna Diversity control
 32 MHz XTAL cell with internal capacitors, able with suitable external XTAL to meet
the required accuracy for radio operation over the operating conditions
 Integrated RF balun
 Integrated ultra Low-power sleep oscillator
 Deep Power-down current 350 nA (with wake-up from IO)
 128-bit or 256-bit AES security processor
 MAC accelerator with packet formatting, CRCs, address check, auto-acks, timers
Microcontroller features
 Application CPU, Arm Cortex-M4 CPUs:
 Arm Cortex-M4 processor, running at a frequency of up to 48 MHz.
 Arm built-in Nested Vectored Interrupt Controller (NVIC)
 Memory Protection Unit (MPU)
 Non-maskable Interrupt (NMI) with a selection of sources
 Serial Wire Debug (SWD) with 8 breakpoints and 4 watchpoints
 System tick timer
 Includes Serial Wire Output for enhanced debug capabilities.
 On-Chip memory
 640 KB flash (320 KB for JN5188)
 152 KB SRAM (88 KB for JN5188)
 12 MHz to 48 MHz system clock speed for low-power
 2 x I2C-bus interface, operate as either master or slave
 10 x PWM
 2 x Low-power timers
 2 x USART, one with flow control
 2 x SPI-bus, master or slave
 1 x PDM digital audio interface with a hardware based voice activity detector to reduce
power consumption in voice applications. Support for dual-channel microphone
interface, flexible decimators, 16 entry FIFOs and optional DC blocking.
 19-channel DMA engine for efficient data transfer between peripherals and SRAM, or
SRAM to SRAM. DMA can operate with fixed or incrementing addresses. Operations
can be chained together to provide complex functionality with low CPU overhead.
 Up to four GPIOs can be selected as pin interrupts (PINT), triggered by rising, falling or
both input edges.
 Two GPIO grouped interrupts (GINT) enable an interrupt based on a logical (AND/OR)
combination of input states.
 32-bit Real Time clock (RTC) with 1 s resolution. A timer in the RTC can be used to
wake from Sleep, Deep-sleep and Power-down, with 1 ms resolution
 Voltage Brown Out with 8 programmable thresholds
 8-input 12-bit ADC, 190 kS/sec. HW support for continuous operation or single
conversions, single or multiple inputs can be sampled within a sequence. DMA
operation can be linked to achieve low overhead operation.
 1 x analog comparator
 Battery and temperature sensors
 Watchdog timer and POR
 Standby power controller
 Up to 22 Digital IOs (DIO)
 1 x Quad SPIFI for accessing an external flash device either through register accesses
or for direct execution of code
 NTAG NFC Forum Type 2 on JN5189T and JN5188T only
 Random Number Generator engine
 AES engine AES-128 to 256
 Hash hardware accelerator support SHA-1 and SHA-256
 EFuse:
 128-bit random AES key
 configuration modes
 Trimming
 ISO7816 smart card digital interface which with a suitable external analogue device
can operate as a smart card reader
Low power features
 Sleep mode supported, one or both CPUs in low power state waiting for interrupt
 Deep-sleep mode supported, both CPUs in low power state waiting for interrupt, but
extra functionality disabled or in low power state compared to sleep mode
 Power Down mode, main functionality powered down, wakeup possible from IOs,
wakeup possible from some peripherals (I2C, USART, SPI) in a limited function mode
and low power timers
 Deep -power down, very low power state with option of wake-up triggered by IOs, 350
nA
 41-bit and 28-bit Low power timers can run in power down mode, clocked by 32 kHz
FRO or 32 kHz XTAL. Timers can run for over one year or 2 days
Applications
 ZigBee 3.0, networks
 Robust and secure Low-power wireless applications
 Lighting and Home automation
 ZigBee Light Link networks




Similar Part No. - JN5189HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
JN5189HN NXP-JN5189HN Datasheet
2Mb / 92P
IEEE 802.15.4 low power wireless MCU
Rev. 1.2-June 2020
More results


Similar Description - JN5189HN

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
DS-ZULU RFSOLUTIONS-DS-ZULU Datasheet
1,004Kb / 9P
RF Wireless MCU
logo
Texas Instruments
CC2650 TI1-CC2650_16 Datasheet
2Mb / 59P
Multistandard Wireless MCU
CC1350 TI1-CC1350 Datasheet
799Kb / 52P
SimpleLink Ultra-Low-Power Dual-Band Wireless MCU
CC2650 TI1-CC2650 Datasheet
1Mb / 64P
Multistandard Wireless MCU
CC2650MODA TI1-CC2650MODA Datasheet
491Kb / 40P
Low energy Wireless MCU Module
CC1350 TI1-CC1350_16 Datasheet
1,003Kb / 61P
SimpleLink Ultra-Low-Power Dual-Band Wireless MCU
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
SimpleLink Bluetooth low energy Wireless MCU
logo
NXP Semiconductors
JN5189 NXP-JN5189 Datasheet
2Mb / 92P
IEEE 802.15.4 low power wireless MCU
Rev. 1.2-June 2020
QN9090 NXP-QN9090 Datasheet
1Mb / 99P
Bluetooth Low Energy 5.0 wireless MCU
K32W1480 NXP-K32W1480 Datasheet
1Mb / 90P
Ultra-low-power, Highly Secure, Multiprotocol Wireless MCU
Rev. 3 - 12/2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com