Electronic Components Datasheet Search
  English  ▼

X  

B5058 Datasheet (PDF) - HAKKO Corporation

B5058 Datasheet PDF - HAKKO Corporation
Part # B5058
Download  B5058 Download
File Size   354.07 Kbytes
Page   2 Pages
Manufacturer  HAKKO [HAKKO Corporation]
Direct Link  https://www.hakko.com/
Logo HAKKO - HAKKO Corporation
Description FR810- Digital Hot Air Station

B5058 Datasheet (PDF)

Go To PDF Page Download Datasheet
B5058 Datasheet PDF - HAKKO Corporation

Part # B5058
Download  B5058 Click to download

File Size   354.07 Kbytes
Page   2 Pages
Manufacturer  HAKKO [HAKKO Corporation]
Direct Link  https://www.hakko.com/
Logo HAKKO - HAKKO Corporation
Description FR810- Digital Hot Air Station

B5058 Datasheet (HTML) - HAKKO Corporation


B5058 Product details

Features
• Self Contained air supply
• Airflow 100L/min (free flowing)
• Slim handpiece with control
buttons for Start/Stop function
• Automatic safety cool down
• 5 programmable pre-sets for
temperature and airflow
• Temperature range 50 ~600 °C
• Digital Display
• Auto power off
• New N51 nozzles with larger
sizes and easy to change
• Quick change nozzle adapter




Similar Part No. - B5058

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5058 EPCOS-B5058 Datasheet
91Kb / 8P
SAW Rx Filter Business Radio
More results


Similar Description - B5058

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG350ESD ETC2-HG350ESD Datasheet
463Kb / 2P
Precision Hot Air Tool
logo
Analog Devices
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
??8 V Hot Swap Controller and Digital
REV. A
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
Hot-Swap Controller and Digital Power
REV. D
logo
List of Unclassifed Man...
WHA900 ETC2-WHA900 Datasheet
108Kb / 1P
Hot Air Rework Station With Internal Pump, 120V
WD1001 ETC2-WD1001 Datasheet
44Kb / 1P
Digital 85W Soldering Station, 120 V
logo
Advantech Co., Ltd.
DSS-4270PFA ADVANTECH-DSS-4270PFA Datasheet
1Mb / 4P
42 All-in-One Digital Signage Station
logo
List of Unclassifed Man...
KT0803L ETC2-KT0803L Datasheet
743Kb / 23P
Monolithic Digital Stereo FM Transmitter Radio-Station-on-a-Chip
WESD51 ETC1-WESD51 Datasheet
114Kb / 1P
Digital Soldering Station; Power Unit, Soldering Pencil, Stand, Sponge
logo
SparkFun Electronics
TOL-11130 SPARKFUN-TOL-11130 Datasheet
42Kb / 1P
Hot-air Rework Replacement Element - Temp Controlled
TOL-14557 SPARKFUN-TOL-14557 Datasheet
148Kb / 2P
Hot?륚ir Rework Station ??303D
1??1??8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com