Electronic Components Datasheet Search
  English  ▼

X  

LTC4366 Datasheet (PDF) - Analog Devices

LTC4366 Datasheet PDF - Analog Devices
Part # LTC4366
Download  LTC4366 Download
File Size   1525.18 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage Surge Stopper

LTC4366 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC4366 Datasheet PDF - Analog Devices

Part # LTC4366
Download  LTC4366 Click to download

File Size   1525.18 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage Surge Stopper

LTC4366 Datasheet (HTML) - Analog Devices


LTC4366 Product details

FEATURES
Rugged Floating Topology
Wide Operating Voltage Range: 9V to >500V
Adjustable Output Clamp Voltage
Controls N-Channel MOSFET
Adjustable Protectio Timer
Internal 9-Second Cool-Dow Timer
Shutdow IQ < 14μA
8-Lead TSOT and 3mm × 2mm DF Packages




Similar Part No. - LTC4366

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4366 LINER-LTC4366 Datasheet
296Kb / 24P
High Voltage Surge Stopper
logo
Analog Devices
LTC4366 AD-LTC4366 Datasheet
1Mb / 22P
100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
06/19-REV.B
LTC4366 AD-LTC4366 Datasheet
2Mb / 24P
Low Quiescent Current Surge Stopper with 9m廓 MOSFET
LTC4366 AD-LTC4366 Datasheet
1Mb / 22P
65V Dual Electronic Circuit Breaker with Current Monitors
LTC4366 AD-LTC4366 Datasheet
1Mb / 32P
140V High Efficiency Switching Surge Stopper
More results


Similar Description - LTC4366

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4356MP-1 LINER-LT4356MP-1 Datasheet
206Kb / 20P
Surge Stopper
LT4356-1 LINER-LT4356-1_15 Datasheet
241Kb / 26P
Surge Stopper
LT4356MP-1 LINER-LT4356MP-1_15 Datasheet
235Kb / 24P
Surge Stopper
LT4356MP-2 LINER-LT4356MP-2_15 Datasheet
235Kb / 24P
Surge Stopper
LTC4366-1 LINER-LTC4366-1_15 Datasheet
290Kb / 24P
High Voltage Surge Stopper
LTC4366-2 LINER-LTC4366-2_15 Datasheet
290Kb / 24P
High Voltage Surge Stopper
LT4363 LINER-LT4363_15 Datasheet
254Kb / 24P
High Voltage Surge Stopper with Current Limit
LT4363-1 LINER-LT4363-1 Datasheet
399Kb / 8P
High Voltage Surge Stopper with Current Limit
LTC4366HTS8-1 LINER-LTC4366HTS8-1 Datasheet
461Kb / 6P
Very High Voltage Surge Stopper
LTC4366 LINER-LTC4366 Datasheet
296Kb / 24P
High Voltage Surge Stopper
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com