Electronic Components Datasheet Search
  English  ▼

X  

LTC4318 Datasheet (PDF) - Analog Devices

LTC4318 Datasheet PDF - Analog Devices
Part # LTC4318
Download  LTC4318 Download
File Size   212.6 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single I²C/SMBus Address Translator

LTC4318 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC4318 Datasheet PDF - Analog Devices

Part # LTC4318
Download  LTC4318 Click to download

File Size   212.6 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single I²C/SMBus Address Translator

LTC4318 Datasheet (HTML) - Analog Devices


LTC4318 Product details

FEATURES
Allows Multiple Slaves with the Same Address to
Coexist o the Same Bus
Resistor Configurable Address Translation
No Software Programming Required
Compatible with SMBus, I2C and I2C Fast Mode
Pass-Through Mode Allows General Call Addressing
±4kV HBM ESD Ruggedness
Level Translatio for 2.5V, 3.3V and 5V Buses
Stuck Bus Timeout
Prevents SDA and SCL Corruptio During Live Board
Insertio and Removal
Support Bus Hot Swap
10-Lead MSOP and DF 3mm × 3mm Packages




Similar Part No. - LTC4318

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4318 LINER-LTC4318 Datasheet
224Kb / 16P
Dual I2C/SMBus Address Translator
logo
Analog Devices
LTC4318 AD-LTC4318 Datasheet
242Kb / 26P
I2C Slave Device Extender Over Rugged Differential Link
Rev. 0
logo
Linear Technology
LTC4318 LINER-LTC4318_15 Datasheet
213Kb / 14P
Dual I2C/SMBus Address Translator
More results


Similar Description - LTC4318

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4316 LINER-LTC4316_15 Datasheet
225Kb / 14P
Single I2C/SMBus Address Translator
LTC4317 LINER-LTC4317_15 Datasheet
214Kb / 14P
Dual I2C/SMBus Address Translator
LTC4318 LINER-LTC4318_15 Datasheet
213Kb / 14P
Dual I2C/SMBus Address Translator
logo
ON Semiconductor
PCA9306 ONSEMI-PCA9306 Datasheet
141Kb / 12P
SMBus Voltage-Level Translator
July, 2014 ??Rev. 6
logo
Global Mixed-mode Techn...
G3403 GMT-G3403 Datasheet
39Kb / 1P
Bidirectional I2C Bus and SMBus Voltage Level Translator
logo
Pericom Semiconductor C...
PI6ULS5V9306 PERICOM-PI6ULS5V9306 Datasheet
712Kb / 14P
SMBus voltage-level translator
logo
Linear Technology
LTC4316 LINER-LTC4316 Datasheet
490Kb / 8P
Single I2C/SMBus Address Translator
LTC4317 LINER-LTC4317 Datasheet
228Kb / 16P
Dual I2C/SMBus Address Translator
LTC4318 LINER-LTC4318 Datasheet
224Kb / 16P
Dual I2C/SMBus Address Translator
logo
Unisonic Technologies
UCA9306 UTC-UCA9306 Datasheet
233Kb / 9P
DUAL BIDIRECTIONAL I2C BUS SMBUS VOLTAGE-LEVEL TRANSLATOR
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com