Electronic Components Datasheet Search
  English  ▼

X  

LTC3115-1 Datasheet (PDF) - Analog Devices

LTC3115-1 Datasheet PDF - Analog Devices
Part # LTC3115-1
Download  LTC3115-1 Download
File Size   2266.73 Kbytes
Page   42 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 40V, 2A Synchronous Buck-Boost DC/DC Converter

LTC3115-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3115-1 Datasheet PDF - Analog Devices

Part # LTC3115-1
Download  LTC3115-1 Click to download

File Size   2266.73 Kbytes
Page   42 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 40V, 2A Synchronous Buck-Boost DC/DC Converter

LTC3115-1 Datasheet (HTML) - Analog Devices


LTC3115-1 Product details

FEATURES
Wide VI Ra ge: 2.7V to 40V
Wide VOUT Ra ge: 2.7V to 40V
1A Output Curre t for VI ≥ 3.6V, VOUT = 5V
2A Output Curre t i Step-Dow Operatio
for VI ≥ 6V
Programmable Freque cy: 100kHz to 2MHz
Sy chro izable Up to 2MHz with a Exter al Clock
Up to 95% Efficie cy
30μA o-Load Quiesce t Curre t i Burst Mode®
Operatio
Ultralow oise Buck-Boost PWM
I ter al Soft-Start
3μA Supply Curre t i Shutdow
Programmable I put U dervoltage Lockout
Small 4mm × 5mm × 0.75mm DF Package
Thermally E ha ced 20-Lead TSSOP Package
AEC-Q100 Qualified for Automotive Applicatio s




Similar Part No. - LTC3115-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3115-1 LINER-LTC3115-1 Datasheet
556Kb / 30P
High Efficiency, Synchronous,4-Switch Buck-Boost Controller
logo
Analog Devices
LTC3115-1 AD-LTC3115-1 Datasheet
1Mb / 34P
40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
05/20-REV.D
LTC3115-1 AD-LTC3115-1 Datasheet
2Mb / 36P
26V, 9A Low-IQ CC/CV Monolithic Buck-Boost Converter
LTC3115-1 AD-LTC3115-1 Datasheet
1Mb / 24P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
Rev. 0
logo
Linear Technology
LTC3115-1 LINER-LTC3115-1_15 Datasheet
617Kb / 42P
40V, 2A Synchronous Buck-Boost DC/DC Converter
More results


Similar Description - LTC3115-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3533 LINER-LTC3533 Datasheet
318Kb / 16P
2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
logo
Orister Corporation
RS6501 ORISTER-RS6501 Datasheet
486Kb / 8P
150KHz, 40V, 2A PWM Buck DC/DC Converter
logo
Linear Technology
LTC3533 LINER-LTC3533_15 Datasheet
323Kb / 16P
2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3115-1 LINER-LTC3115-1_15 Datasheet
617Kb / 42P
40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115-2 LINER-LTC3115-2_15 Datasheet
775Kb / 42P
40V, 2A Synchronous Buck-Boost DC/DC Converter
logo
Unisonic Technologies
LD1596 UTC-LD1596_15 Datasheet
168Kb / 5P
2A 150kHz 40V BUCK DC/DC CONVERTER
logo
List of Unclassifed Man...
XL1509 ETC2-XL1509 Datasheet
276Kb / 13P
2A 150KHz 40V Buck DC to DC Converter
logo
Linear Technology
LTC3115EDHD-1 LINER-LTC3115EDHD-1 Datasheet
190Kb / 6P
40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115EDHD-2 LINER-LTC3115EDHD-2 Datasheet
440Kb / 6P
40V, 2A Synchronous Buck-Boost DC/DC Converter
logo
Diodes Incorporated
AP3502E DIODES-AP3502E Datasheet
523Kb / 11P
2A SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com