Electronic Components Datasheet Search
  English  ▼

X  

LTC2856-1 Datasheet (PDF) - Analog Devices

LTC2856-1 Datasheet PDF - Analog Devices
Part # LTC2856-1
Download  LTC2856-1 Download
File Size   319.74 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers

LTC2856-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC2856-1 Datasheet PDF - Analog Devices

Part # LTC2856-1
Download  LTC2856-1 Click to download

File Size   319.74 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers

LTC2856-1 Datasheet (HTML) - Analog Devices


LTC2856-1 Product details

FEATURES
20Mbps or Low EMI 250kbps Maximum Data Rate
No Damage or Latchup to ESD: ±15kV HBM
High Input Impedance Supports 256 Nodes
(C, I-Grade)
Operation Up to 125°C (H-Grade)
Guaranteed Failsafe Receiver Operation Over the
Entire Common Mode Range
Current Limited Drivers and Thermal Shutdown
Delayed Micropower Shutdown: 5μA Maximum
(C, I-Grade)
Power Up/Down Glitch-Free Driver Outputs
Low Operating Current: 900μA Maximum in Receive
Mode
Compatible with TIA/EIA-485-A Specifications
Available in 8-Lead and 10-Lead 3mm × 3mm DFN
and 8-Lead and 10-Lead MSOP Packages




Similar Part No. - LTC2856-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2856-1 LINER-LTC2856-1 Datasheet
233Kb / 20P
20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2856-1 LINER-LTC2856-1 Datasheet
332Kb / 20P
20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2856-1 LINER-LTC2856-1 Datasheet
478Kb / 22P
짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
logo
Analog Devices
LTC2856-1 AD-LTC2856-1 Datasheet
478Kb / 22P
짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
LTC2856-1 AD-LTC2856-1 Datasheet
999Kb / 24P
±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
Rev. A
More results


Similar Description - LTC2856-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2856-1 LINER-LTC2856-1 Datasheet
233Kb / 20P
20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2856-1 LINER-LTC2856-1_15 Datasheet
332Kb / 20P
20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2856-2 LINER-LTC2856-2_15 Datasheet
332Kb / 20P
20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2857-1 LINER-LTC2857-1_15 Datasheet
332Kb / 20P
20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2857-2 LINER-LTC2857-2_15 Datasheet
332Kb / 20P
20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2858-1 LINER-LTC2858-1_15 Datasheet
332Kb / 20P
20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2858-2 LINER-LTC2858-2_15 Datasheet
332Kb / 20P
20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com