Electronic Components Datasheet Search
  English  ▼

X  

76-1496 Datasheet (PDF) - Multicomp Pro

76-1496 Datasheet PDF - Multicomp Pro
Part # 76-1496
Download  76-1496 Download
File Size   521.71 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Banana Test Connectors

76-1496 Datasheet (PDF)

Go To PDF Page Download Datasheet
76-1496 Datasheet PDF - Multicomp Pro

Part # 76-1496
Download  76-1496 Click to download

File Size   521.71 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Banana Test Connectors

76-1496 Datasheet (HTML) - Multicomp Pro


76-1496 Product details

[Description]
4mm Banana (female) Jack (socket) with 6.3mm (0.25”) Male faston terminal. Ideal for panel mounting, round nut fixing.
Repairing or making of panels or boxes providing heavy duty and safely 4mm banana connections for power supplies,
measurements, controls, tests etc.




Similar Part No. - 76-1496

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
76-1400 MULTICOMP-76-1400 Datasheet
299Kb / 1P
4mm Golded Banana Jack Pin Connection
18/03/24
76-1402 MULTICOMP-76-1402 Datasheet
299Kb / 1P
4mm Golded Banana Jack Pin Connection
18/03/24
76-1404 MULTICOMP-76-1404 Datasheet
299Kb / 1P
4mm Golded Banana Jack Pin Connection
18/03/24
76-1406 MULTICOMP-76-1406 Datasheet
299Kb / 1P
4mm Golded Banana Jack Pin Connection
18/03/24
76-1410 MULTICOMP-76-1410 Datasheet
208Kb / 1P
Straight 4mm Male Banana Plug to Right-Angle 4mm Male Banana Plug Lead
18/03/24
More results


Similar Description - 76-1496

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3782 POMONA-3782 Datasheet
57Kb / 1P
Minigrabber Test Clip To Stacking Banana Plug
3786 POMONA-3786 Datasheet
30Kb / 1P
Minigrabber Test Clips To Double Banana Plug
5689A POMONA-5689A Datasheet
49Kb / 1P
Replaceable Tip Test Probe With Banana Jack
6245 POMONA-6245 Datasheet
73Kb / 1P
Test Clip to Straight Sheathed Banana Plug
6248 POMONA-6248 Datasheet
75Kb / 1P
Test Clip to Sheathed Banana Jack
6249 POMONA-6249 Datasheet
28Kb / 1P
Test Clip To Multi-Stacking Banana Plug Test Lead
logo
List of Unclassifed Man...
BU-26103-0 ETC2-BU-26103-0 Datasheet
210Kb / 1P
Test Probe with 4mm Banana Plug
BU-P1081-12-0 ETC2-BU-P1081-12-0 Datasheet
261Kb / 1P
STACKABLE MINI-BANANA TEST LEAD
BU-P1081-24-0 ETC2-BU-P1081-24-0 Datasheet
261Kb / 1P
STACKABLE MINI-BANANA TEST LEAD
BU-P4911A-12-0 ETC2-BU-P4911A-12-0 Datasheet
198Kb / 1P
RETRACTABLE BANANA TEST LEAD, 18 AWG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com