Electronic Components Datasheet Search
  English  ▼

X  

76-1484 Datasheet (PDF) - Multicomp Pro

76-1484 Datasheet PDF - Multicomp Pro
Part # 76-1484
Download  76-1484 Download
File Size   334.96 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Test Socket, 36A, Stud

76-1484 Datasheet (PDF)

Go To PDF Page Download Datasheet
76-1484 Datasheet PDF - Multicomp Pro

Part # 76-1484
Download  76-1484 Click to download

File Size   334.96 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Test Socket, 36A, Stud

76-1484 Datasheet (HTML) - Multicomp Pro


76-1484 Product details

[Description]
4mm Banana (female) Jack (socket) w/M4 Threaded Stud and Hex Nuts. Panel mounting, nut fixing. Repairing and making of
panels or boxes providing heavy duty and safety 4mm banana connections for power supplies, measurements, controls, tests etc.




Similar Part No. - 76-1484

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
76-1400 MULTICOMP-76-1400 Datasheet
299Kb / 1P
4mm Golded Banana Jack Pin Connection
18/03/24
76-1402 MULTICOMP-76-1402 Datasheet
299Kb / 1P
4mm Golded Banana Jack Pin Connection
18/03/24
76-1404 MULTICOMP-76-1404 Datasheet
299Kb / 1P
4mm Golded Banana Jack Pin Connection
18/03/24
76-1406 MULTICOMP-76-1406 Datasheet
299Kb / 1P
4mm Golded Banana Jack Pin Connection
18/03/24
76-1410 MULTICOMP-76-1410 Datasheet
208Kb / 1P
Straight 4mm Male Banana Plug to Right-Angle 4mm Male Banana Plug Lead
18/03/24
More results


Similar Description - 76-1484

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
24-6556-10 ARIES-24-6556-10 Datasheet
705Kb / 2P
Universal Test Socket Receptacle
logo
Abracon Corporation
AXS-1147-02-02 ABRACON-AXS-1147-02-02 Datasheet
419Kb / 1P
CRYSTAL TEST & BURN IN SOCKET
08.21.09
AXS-1155-04-01 ABRACON-AXS-1155-04-01 Datasheet
410Kb / 1P
CRYSTAL TEST & BURN-IN SOCKET
07.10.09
AXS-2520-04-01 ABRACON-AXS-2520-04-01 Datasheet
403Kb / 1P
CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.10.09
logo
Aries Electronics, Inc.
10003 ARIES-10003 Datasheet
829Kb / 2P
Universal Test Socket Receptacle
10010 ARIES-10010 Datasheet
1Mb / 2P
Universal PLCC ZIF Test Socket
10012 ARIES-10012 Datasheet
529Kb / 1P
Universal PLCC ZIF Test Socket
10015 ARIES-10015 Datasheet
766Kb / 1P
Zero-Insertion-Force Test Socket
23022 ARIES-23022 Datasheet
1Mb / 2P
Kelvin Test Socket
18108 ARIES-18108 Datasheet
1Mb / 1P
Test Socket Breakout Board
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com