Electronic Components Datasheet Search
  English  ▼

X  

76-126 Datasheet (PDF) - Multicomp Pro

76-126 Datasheet PDF - Multicomp Pro
Part # 76-126
Download  76-126 Download
File Size   328.2 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Crocodile Clips

76-126 Datasheet (PDF)

Go To PDF Page Download Datasheet
76-126 Datasheet PDF - Multicomp Pro

Part # 76-126
Download  76-126 Click to download

File Size   328.2 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Crocodile Clips

76-126 Datasheet (HTML) - Multicomp Pro


76-126 Product details

[Description]
The alligator clip with 4mm banana (female) jack (socket). It is used for general purpose electric testing by grasping conductive
parts. It features electrical safety according to EN/IEC 61010-031:2008. 1000V CAT II/1000V CAT III/600V CAT IV, reinforced
insulation, 20A (at +40°C).




Similar Part No. - 76-126

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
76-120 MULTICOMP-76-120 Datasheet
217Kb / 1P
Stacking Retractable Sleeve 4mm Banana Plug to Plug Patch Cord
18/03/24
logo
List of Unclassifed Man...
76-1200 ETC2-76-1200 Datasheet
1Mb / 30P
LICON. SNAP ACTION SWITCHES
76-1210 ETC2-76-1210 Datasheet
1Mb / 30P
LICON. SNAP ACTION SWITCHES
logo
Multicomp Pro
76-122 MULTICOMP-76-122 Datasheet
217Kb / 1P
Stacking Retractable Sleeve 4mm Banana Plug to Plug Patch Cord
18/03/24
logo
List of Unclassifed Man...
76-1220 ETC2-76-1220 Datasheet
1Mb / 30P
LICON. SNAP ACTION SWITCHES
More results


Similar Description - 76-126

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
FC101 BEL-FC101 Datasheet
47Kb / 1P
Fuse Clips
logo
List of Unclassifed Man...
N4NY-002-9-CMC ETC1-N4NY-002-9-CMC Datasheet
184Kb / 2P
P-Clips, Nylon Cable Clamping Clips
UC-0 ETC2-UC-0 Datasheet
98Kb / 1P
P-Clips
BU-85 ETC2-BU-85 Datasheet
55Kb / 1P
Crocodile Clip
BU-87-0 ETC2-BU-87-0 Datasheet
1Mb / 1P
Insulator for Crocodile Clips
BU-87-9 ETC2-BU-87-9 Datasheet
1Mb / 1P
Insulator for Crocodile Clips
561-1250032 ETC2-561-1250032 Datasheet
76Kb / 2P
Snap Clips
logo
Extech Instruments Corp...
TL806 EXTECH-TL806_15 Datasheet
230Kb / 1P
Alligator Clips
logo
NTE Electronics
72-053 NTE-72-053 Datasheet
88Kb / 2P
Crocodile Clip, Flanged, Fully Insulated
logo
Pepperl+Fuchs Inc.
LB9230B PF-LB9230B Datasheet
220Kb / 2P
Retaining clips
2022-01-28
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com