Electronic Components Datasheet Search
  English  ▼

X  

76-078 Datasheet (PDF) - Multicomp Pro

76-078 Datasheet PDF - Multicomp Pro
Part # 76-078
Download  76-078 Download
File Size   262.32 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description 4mm Female Banana Jack to 4.3mm/6.3mm Spade Lug Adapter

76-078 Datasheet (PDF)

Go To PDF Page Download Datasheet
76-078 Datasheet PDF - Multicomp Pro

Part # 76-078
Download  76-078 Click to download

File Size   262.32 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description 4mm Female Banana Jack to 4.3mm/6.3mm Spade Lug Adapter

76-078 Datasheet (HTML) - Multicomp Pro


76-078 Product details

[Applications]
To connect a 4mm banana plug to M6 screws or M4 screws.
General purpose electric and electronic testing, controlling and measuring.




Similar Part No. - 76-078

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
76-004A MULTICOMP-76-004A Datasheet
198Kb / 1P
Test Lead Sets
16/07/24
76-005 MULTICOMP-76-005 Datasheet
358Kb / 1P
Connector Adapter
28/02/24 V1.0
76-0124 MULTICOMP-76-0124 Datasheet
173Kb / 1P
Alligator Clip
28/02/24
76-019 MULTICOMP-76-019 Datasheet
208Kb / 1P
Straight 4mm Male Banana Plug to Right-Angle 4mm Male Banana Plug Lead
18/03/24
76-022 MULTICOMP-76-022 Datasheet
382Kb / 1P
4mm Male Banana Plug to Plug Right-Angle
18/03/24
More results


Similar Description - 76-078

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1614A POMONA-1614A Datasheet
27Kb / 1P
Spade Lug to Insulated Banana Jack
3744A POMONA-3744A Datasheet
64Kb / 1P
Spade Lug to Banana Jack
3777A POMONA-3777A Datasheet
64Kb / 1P
Spade Lug to Banana Jack
3834 POMONA-3834 Datasheet
24Kb / 1P
Banana Jack To Pin Jack Adapter
5295 POMONA-5295 Datasheet
26Kb / 1P
Low Voltage Retractable Sheath Banana Plug To Spade Lug
72914 POMONA-72914 Datasheet
119Kb / 1P
4mm Safety Banana Jack to 2mm Banana Plug Adapter
72916 POMONA-72916 Datasheet
129Kb / 1P
4mm Banana Jack to 2mm Banana Jack Adapter
72917 POMONA-72917 Datasheet
70Kb / 1P
4mm Banana Plug to 2mm Sheathed Banana Jack Adapter
logo
List of Unclassifed Man...
BU-30211-0 ETC2-BU-30211-0 Datasheet
460Kb / 1P
Spade Terminal to 4mm Banana
BU-P72914-0 ETC2-BU-P72914-0 Datasheet
159Kb / 1P
4mm banana jack to 2mm banana jack adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com