Electronic Components Datasheet Search
  English  ▼

X  

030-0014 Datasheet (PDF) - Multicomp Pro

030-0014 Datasheet PDF - Multicomp Pro
Part # 030-0014
Download  030-0014 Download
File Size   150.48 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description IC Tube 0.3 DIP, 508mm

030-0014 Datasheet (PDF)

Go To PDF Page Download Datasheet
030-0014 Datasheet PDF - Multicomp Pro

Part # 030-0014
Download  030-0014 Click to download

File Size   150.48 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description IC Tube 0.3 DIP, 508mm

030-0014 Datasheet (HTML) - Multicomp Pro


030-0014 Product details

[Description]
All our tubes are antistatic, and can be supplied with pins, bungs and antistatic tube packing for part filled tubes. Note that
IC shipping tubes are manufactured by a large range of extruded plastic tube manufacturers, and can therefore have slightly
different extrusions for the same package styles.

[Features]
• Tube Profile: 0.3 DIP
• Length: 508mm
• Material: Antistatic PVC




Similar Part No. - 030-0014

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
030-0012 MULTICOMP-030-0012 Datasheet
150Kb / 1P
IC Tube 0.6 DIP, 280mm
03/08/22
030-0015 MULTICOMP-030-0015 Datasheet
151Kb / 1P
IC Tube 0.3 SOIC, 508mm
03/08/22
030-0016 MULTICOMP-030-0016 Datasheet
164Kb / 1P
IC Tube 0.6 DIP
09/06/22
More results


Similar Description - 030-0014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OCP-PCP116 ETC1-OCP-PCP116 Datasheet
72Kb / 1P
SIX PIN DIP SINGLE CHANNEL PHOTO IC PHOTOCOUPLER
logo
Adam Technologies, Inc.
ISD-6XX-T ADAM-TECH-ISD-6XX-T Datasheet
119Kb / 1P
IC SHRINK DIP SOCKET
ISD-432-T ADAM-TECH-ISD-432-T Datasheet
150Kb / 1P
IC SHRINK DIP SOCKET
logo
List of Unclassifed Man...
PA20SS-P54 ETC2-PA20SS-P54 Datasheet
27Kb / 1P
20 pin SSOP socket/18 pin DIP 0.3??plug
PA14SO1-08H-3 ETC2-PA14SO1-08H-3 Datasheet
23Kb / 1P
14-28 pin SO socket/14-28 pin DIP 0.3"or 0.6" plug
PA8SO1-2006-3 ETC2-PA8SO1-2006-3 Datasheet
33Kb / 1P
8-20 Pin SOP socket/8-20 Pin DIP 0.3" or 0.6" plug
PA16SS-OT-3 ETC2-PA16SS-OT-3 Datasheet
46Kb / 1P
16-28 pin SSOP socket/16-28 pin DIP plug (0.3??or 0.6??
logo
Aries Electronics, Inc.
352000 ARIES-352000 Datasheet
695Kb / 1P
Converts PLCC packaged IC-to-DIP footprints
logo
SHENZHEN FUMAN ELECTRON...
TC8168 FUMAN-TC8168 Datasheet
154Kb / 7P
LED digital tube driver IC
logo
Panasonic Semiconductor
MIP2H2 PANASONIC-MIP2H2 Datasheet
593Kb / 1P
Integrated Circuit Power Supply IC DIP-7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com