Electronic Components Datasheet Search
  English  ▼

X  

SAV4F1311306 Datasheet (PDF) - E-SWITCH

SAV4F1311306 Datasheet PDF - E-SWITCH
Part # SAV4F1311306
Download  SAV4F1311306 Download
File Size   836.3 Kbytes
Page   3 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description SAV4 Series Anti-vandal Switch

SAV4F1311306 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAV4F1311306 Datasheet PDF - E-SWITCH

Part # SAV4F1311306
Download  SAV4F1311306 Click to download

File Size   836.3 Kbytes
Page   3 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description SAV4 Series Anti-vandal Switch

SAV4F1311306 Datasheet (HTML) - E-SWITCH


SAV4F1311306 Product details

Features & Benefits
•19mm diameter panel cutout
•Dot, ring, power, or ring/power illumination options
•Multiple illumination voltage options
•Momentary and latching functions
•15A high current rating




Similar Part No. - SAV4F1311306

ManufacturerPart #DatasheetDescription
logo
Eravant
SAV-0635331140-2F-U1-QR ERAVANT-SAV-0635331140-2F-U1-QR Datasheet
475Kb / 7P
Quad Ridged, Dual Polarized Horn Antenna, 6 to 53 GHz
Rev 1.3
logo
Structured Cable Produc...
SAV-200X STRUCTURED-CABLE-SAV-200X Datasheet
238Kb / 1P
UltraFlex by SimplyAV 8K 48Gbps HDMI Cable
logo
Mini-Circuits
SAV-331 MINI-SAV-331 Datasheet
326Kb / 5P
D-PHEMT Transistor
SAV-331+ MINI-SAV-331+ Datasheet
326Kb / 5P
D-PHEMT Transistor
SAV-541 MINI-SAV-541 Datasheet
586Kb / 13P
E-PHEMT 0.45-6GHz
More results


Similar Description - SAV4F1311306

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV0 E-SWITCH-PV0 Datasheet
1Mb / 4P
pV0 SerieS anti-Vandal Switch
PV9 E-SWITCH-PV9 Datasheet
980Kb / 3P
pV9 SerieS anti-Vandal Switch
ULV4 E-SWITCH-ULV4 Datasheet
1Mb / 4P
ULV4 Series Anti-vandal Switch
ULV7 E-SWITCH-ULV7 Datasheet
885Kb / 4P
ulV7 SerieS anti-Vandal Switch
ULV8 E-SWITCH-ULV8 Datasheet
1Mb / 3P
ULV8 Series Anti-vandal Switch
PV6 E-SWITCH-PV6_16 Datasheet
842Kb / 2P
pV6 SerieS anti-Vandal Switch
logo
C&K Components
ATP16 CK-COMPONENTS-ATP16 Datasheet
841Kb / 4P
Anti-Vandal Sealed Pushbutton Switch
2022
logo
List of Unclassifed Man...
AV01-B22-M1-IP65 ETC1-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20V1.0
AV01-B22-M1-IP65 ETC-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20
logo
E-SWITCH
PVK4 E-SWITCH-PVK4 Datasheet
1Mb / 8P
PVK4 Series Anti-vandal Switch
11.29.2022
More results




About E-SWITCH


E-Switch is a company that specializes in the design, development, and manufacturing of electromechanical switches. They offer a wide range of switch products including rocker, toggle, pushbutton, slide, rotary, snap action, tact, and keylock switches. These switches are used in a variety of applications such as medical equipment, consumer electronics, telecommunications, and industrial machinery.

E-Switch is known for their innovative designs, high-quality products, and excellent customer service. They have a global presence and serve customers in over 50 countries. In addition to their standard product offerings, E-Switch also provides custom switch solutions to meet specific customer needs.

Overall, E-Switch is a trusted and reliable provider of electromechanical switches, with a strong reputation for quality and customer satisfaction.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com