Electronic Components Datasheet Search
  English  ▼

X  

PNU65010ER Datasheet (PDF) - Nexperia B.V. All rights reserved

PNU65010ER Datasheet PDF - Nexperia B.V. All rights reserved
Part # PNU65010ER
Download  PNU65010ER Download
File Size   256.63 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 650 V, 1 A ultrafast recovery rectifier

PNU65010ER Datasheet (PDF)

Go To PDF Page Download Datasheet
PNU65010ER Datasheet PDF - Nexperia B.V. All rights reserved

Part # PNU65010ER
Download  PNU65010ER Click to download

File Size   256.63 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 650 V, 1 A ultrafast recovery rectifier

PNU65010ER Datasheet (HTML) - Nexperia B.V. All rights reserved


PNU65010ER Product details

General description
High power density, ultrafast switching time recovery rectifier with high-efficiency planar technology,
encapsulated in a small and flat lead CFP3 (SOD123W) Surface-Mounted Device (SMD) plastic
package.
Features and benefits
• Reverse voltage VR ≤ 650 V
• Forward current IF ≤ 1 A
• Typical switching time trr of 35 ns
• Pt doped life time control
• Low inductance
• Power and flat lead SMD plastic package
• High power capability due to clip-bond technology
• Planar die design
Applications
• AC/DC converter
• SMPS / UPS
• PFC
• Battery charger
• Inverter
• Freewheeling applications




Similar Part No. - PNU65010ER

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PNU65010ER NEXPERIA-PNU65010ER Datasheet
255Kb / 13P
650 V, 1 A ultrafast recovery rectifier
30 September 2022
PNU65010ER-Q NEXPERIA-PNU65010ER-Q Datasheet
256Kb / 13P
650 V, 1 A ultrafast recovery rectifier
30 September 2022
More results


Similar Description - PNU65010ER

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PNE20010ER-Q NEXPERIA-PNE20010ER-Q Datasheet
254Kb / 13P
200 V, 1 A hyperfast recovery rectifier
21 March 2023
PNU65010EP-Q NEXPERIA-PNU65010EP-Q Datasheet
247Kb / 12P
650 V, 1 A ultrafast recovery rectifier
18 October 2022
PNU65010EP NEXPERIA-PNU65010EP Datasheet
247Kb / 12P
650 V, 1 A ultrafast recovery rectifier
30 September 2022
PNU65010ER-Q NEXPERIA-PNU65010ER-Q Datasheet
256Kb / 13P
650 V, 1 A ultrafast recovery rectifier
30 September 2022
PNU65020EP-Q NEXPERIA-PNU65020EP-Q Datasheet
258Kb / 12P
650 V, 2 A ultrafast recovery rectifier
1 March 2023
PNU65030EP-Q NEXPERIA-PNU65030EP-Q Datasheet
255Kb / 12P
650 V, 3 A ultrafast recovery rectifier
1 March 2023
PNU65010ER NEXPERIA-PNU65010ER Datasheet
255Kb / 13P
650 V, 1 A ultrafast recovery rectifier
30 September 2022
PNE20010EXD-Q NEXPERIA-PNE20010EXD-Q Datasheet
252Kb / 13P
200 V, 1 A hyperfast recovery rectifier
1 April 2022
PNU65020EP NEXPERIA-PNU65020EP Datasheet
258Kb / 12P
650 V, 2 A ultrafast recovery rectifier
1 March 2023
PNU65030EP NEXPERIA-PNU65030EP Datasheet
255Kb / 12P
650 V, 3 A ultrafast recovery rectifier
1 March 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com