Electronic Components Datasheet Search
  English  ▼

X  

UM11401 Datasheet (PDF) - NXP Semiconductors

UM11401 Datasheet PDF - NXP Semiconductors
Part # UM11401
Download  UM11401 Download
File Size   14060.84 Kbytes
Page   34 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description half-bridge evaluation board

UM11401 Datasheet (PDF)

Go To PDF Page Download Datasheet
UM11401 Datasheet PDF - NXP Semiconductors

Part # UM11401
Download  UM11401 Click to download

File Size   14060.84 Kbytes
Page   34 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description half-bridge evaluation board

UM11401 Datasheet (HTML) - NXP Semiconductors


UM11401 Product details

Board features
• Capability to connect to RoadPak SiC module for half-bridge evaluations
• Negative VEE gate low drive level (−3.9 V DC)
• VCCREG regulated high gate drive level (+15 V DC)
• Jumper configurable for disabling dead time fault protection when short-circuit testing
• Easy access power, ground, and signal test points
• Easy to install and use FlexGUI for interfacing via SPI through PC; software includes
double pulse and short-circuit testing capability
• DC link bus voltage monitor on low-side driver via AMUXIN and AOUT
• Negative temperature coefficient (NTC) connection and configurable for monitoring
module temperature
Board description
The FRDMGD31RPEVM is a half-bridge evaluation board populated with two GD3100
single channel IGBT or SiC gate drive devices. The board supports connection to
an FRDM-KL25Z microcontroller for SPI communication configuration programming
and monitoring. The board includes DESAT circuitry for short-circuit detection and
implementation of GD3100 shutdown protection capabilities.
The evaluation board is designed to connect to a RoadPak SiC
metal-oxide-semiconductor field-effect transistor (MOSFET) for evaluation of the GD3100
performance and capabilities.




Similar Part No. - UM11401

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UM11421 NXP-UM11421 Datasheet
1Mb / 21P
RDDRONE-BMS772 reference design
Rev. 1 ??12 June 2020
UM11482 NXP-UM11482 Datasheet
9Mb / 22P
KITPF7100FRDMPGM evaluation board
Rev. 1 - 24 September 2020
UM11487 NXP-UM11487 Datasheet
8Mb / 26P
KITPF7100FRDMEVM evaluation board
Rev. 1 - 15 September 2020
More results


Similar Description - UM11401

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
99026 IXYS-99026 Datasheet
839Kb / 8P
HALF BRIDGE DRIVER Evaluation Board
EV6R11 IXYS-EV6R11 Datasheet
780Kb / 7P
IX6R11 HALF BRIDGE DRIVER Evaluation Board
logo
Monolithic Power System...
EV8042DF-00B MPS-EV8042DF-00B Datasheet
247Kb / 5P
High Current, Dual Channel Power Half-Bridge Evaluation Board
EV6514-G-00A MPS-EV6514-G-00A Datasheet
322Kb / 5P
0.6A, 14V Half H-bridge Motor Driver Evaluation Board
EV8042DF-00C MPS-EV8042DF-00C Datasheet
285Kb / 5P
High Current, Dual Channel Power Half-Bridge Evaluation Board
EV8046DF-00A MPS-EV8046DF-00A Datasheet
230Kb / 5P
High Current, Dual Channel Power Half-Bridge Evaluation Board
EV8048DQK-00A MPS-EV8048DQK-00A Datasheet
338Kb / 8P
22V, 4A Quad Channel Power Half-Bridge Evaluation Board
EVQ6523-R-00A MPS-EVQ6523-R-00A Datasheet
483Kb / 5P
0.9A, 28V Three half-bridge Motor Driver Evaluation Board
EVQ6526-R-00A MPS-EVQ6526-R-00A Datasheet
653Kb / 6P
0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
EVQ6526-U-00A MPS-EVQ6526-U-00A Datasheet
614Kb / 6P
0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com