Electronic Components Datasheet Search
  English  ▼

X  

FRDM-KV11Z Datasheet (PDF) - NXP Semiconductors

FRDM-KV11Z Datasheet PDF - NXP Semiconductors
Part # FRDM-KV11Z
Download  FRDM-KV11Z Download
File Size   196.07 Kbytes
Page   2 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Freedom Development Platform

FRDM-KV11Z Datasheet (PDF)

Go To PDF Page Download Datasheet
FRDM-KV11Z Datasheet PDF - NXP Semiconductors

Part # FRDM-KV11Z
Download  FRDM-KV11Z Click to download

File Size   196.07 Kbytes
Page   2 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Freedom Development Platform

FRDM-KV11Z Datasheet (HTML) - NXP Semiconductors


FRDM-KV11Z Product details

Features
• MKV11Z128VLF7 MCU (ARM® Cortex®M0+ 75 MHz, 128 KB Flash, 16 KB SRAM, 1xFlexCAN,
16-bit ADC and FlexTimers with quadrature decoder dedicated to motor and power control, 48
LQFP)
• Enabled with Kinetis® Motor Suite, software solution that enables the rapid configuration of
motor drive systems, and accelerates development of the final motor drive application, whilst
improving overall motor system performance
• Six axis sensor combining accelerometer and magnetometer (FXOS8700CQ)
• Tri-color user-controllerable LEDs
• User controlled push-button switches
• FlexCAN I/O supported
• Thermistor sensor to measuring temperature
• Motor control auxiliary connector
• Form factor compatible with Arduino™ R3 pin layout
New, OpenSDA debug interface from P&E
o FRDM-KV11Z Mass storage device flash programming interface (default) – no tool installation
required to evaluate demo apps
o P&E Debug interface provides run-control debugging and compatibility with IDE tools
• Power selectable 3.3 V/1.8 V




Similar Part No. - FRDM-KV11Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FRDM-KV10Z NXP-FRDM-KV10Z Datasheet
427Kb / 6P
Freedom FRDM-MC-LVBLDC Development Platform User?셲 Guide
0 , 02/2016
More results


Similar Description - FRDM-KV11Z

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
30010020A MICROCHIP-30010020A Datasheet
1Mb / 2P
Lighting Communications Development Platform
2013
logo
Freescale Semiconductor...
FRDM-KW40Z FREESCALE-FRDM-KW40Z Datasheet
1Mb / 37P
FRDM-KW40Z Freescale Freedom Development Board
FRDM-KW019032 FREESCALE-FRDM-KW019032 Datasheet
2Mb / 31P
FRDM-KW019032 Freescale Freedom Development Board
logo
Maxim Integrated Produc...
MAX32620FTHR MAXIM-MAX32620FTHR Datasheet
2Mb / 11P
Rapid Development Platform
Rev 0; 11/17
logo
NXP Semiconductors
FRDMCR20AUG NXP-FRDMCR20AUG Datasheet
2Mb / 24P
Freescale Freedom Development
Rev. 0, 04/2015
FRDMKW24DUG NXP-FRDMKW24DUG Datasheet
3Mb / 30P
FRDM-KW24D512 Freedom Development Platform
Rev. 1, 05/2016
FRDMKW40ZUG NXP-FRDMKW40ZUG Datasheet
2Mb / 37P
FRDM-KW40Z Freescale Freedom Development Board
Rev. 2, 10/2015
FRDMKW019032UG NXP-FRDMKW019032UG Datasheet
2Mb / 31P
FRDM-KW019032 Freescale Freedom Development Board
Rev. 0, 11/2015
FRDM-K66F NXP-FRDM-K66F Datasheet
1Mb / 26P
Freedom FRDM-K66F Development Platform User?셲 Guide
Rev. 0 02/2016
FRDMLVBLDCUG NXP-FRDMLVBLDCUG Datasheet
427Kb / 6P
Freedom FRDM-MC-LVBLDC Development Platform User?셲 Guide
0 , 02/2016
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com