Electronic Components Datasheet Search
  English  ▼

X  

LT3470HTS8 Datasheet (PDF) - Analog Devices

LT3470HTS8 Datasheet PDF - Analog Devices
Part # LT3470HTS8
Download  LT3470HTS8 Download
File Size   477.95 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower Buck Regulator with Integrated Boost and Catch Diodes

LT3470HTS8 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3470HTS8 Datasheet PDF - Analog Devices

Part # LT3470HTS8
Download  LT3470HTS8 Click to download

File Size   477.95 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower Buck Regulator with Integrated Boost and Catch Diodes

LT3470HTS8 Datasheet (HTML) - Analog Devices


LT3470HTS8 Product details

FEATURES
Low Quiescent Current: 26μA at 12VIN to 3.3VOUT
Integrated Boost and Catch Diodes
Input Range: 4V to 40V
Low Output Ripple: <10mV
<1μA in Shutdown Mode
Output Voltage: 1.25V to 16V
200mA Output Current
Hysteretic Mode Control
– Low Ripple Burst Mode® Operation at Light Loads
– Continuous Operation at Higher Loads
Solution Size as Small as 50mm2
Low Profile (0.75mm) 3mm × 2mm Thermally
Enhanced 8-Lead DD and 1mm ThinSOT Packages
AEC-Q100 Qualified for Automotive Applications




Similar Part No. - LT3470HTS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3470HTS8 LINER-LT3470HTS8 Datasheet
240Kb / 20P
Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Linear Integrated Syste...
LT3470HTS8 LINEAR-LT3470HTS8 Datasheet
240Kb / 20P
Micropower Buck Regulator with Integrated Boost and Catch Diodes
More results


Similar Description - LT3470HTS8

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT3470 LINEAR-LT3470 Datasheet
199Kb / 16P
Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Linear Technology
LT3470A LINER-LT3470A Datasheet
208Kb / 20P
Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
Buck-Boost Regulator
03-Aug-09
logo
Linear Technology
LT3470EDDB LINER-LT3470EDDB Datasheet
240Kb / 20P
Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Linear Integrated Syste...
LT3470HTS8 LINEAR-LT3470HTS8 Datasheet
240Kb / 20P
Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Linear Technology
LT3470 LINER-LT3470_15 Datasheet
290Kb / 20P
Micropower Buck Regulator with Integrated Boost and Catch Diodes
LT3470A LINER-LT3470A_15 Datasheet
208Kb / 20P
Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Allegro MicroSystems
A4450 ALLEGRO-A4450 Datasheet
680Kb / 34P
Buck-Boost Controller with Integrated Buck MOSFET
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
Buck-Boost Regulator
03-Aug-09
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com