Electronic Components Datasheet Search
  English  ▼

X  

LT1120A Datasheet (PDF) - Analog Devices

LT1120A Datasheet PDF - Analog Devices
Part # LT1120A
Download  LT1120A Download
File Size   196.46 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower Regulator with Comparator and Shutdown

LT1120A Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1120A Datasheet PDF - Analog Devices

Part # LT1120A
Download  LT1120A Click to download

File Size   196.46 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower Regulator with Comparator and Shutdown

LT1120A Datasheet (HTML) - Analog Devices


LT1120A Product details

Features
20μA Supply Current
125mA Output Current
2.5V Reference
Reference Output Sources 4mA and Sinks 4mA
Open Collector Comparator Sinks 10mA
Logic Shutdown
0.2V Dropout Voltage
Thermal Limiting
8-Lead SO Package




Similar Part No. - LT1120A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1120A LINER-LT1120A Datasheet
217Kb / 8P
Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A Datasheet
159Kb / 8P
Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A Datasheet
232Kb / 20P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1120A LINER-LT1120A Datasheet
169Kb / 8P
Micropower Regulator with Comparator and Shutdown
LT1120AC LINER-LT1120AC Datasheet
217Kb / 8P
Micropower Regulator with Comparator and Shutdown
More results


Similar Description - LT1120A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1020 LINER-LT1020 Datasheet
364Kb / 16P
Micropower Regulator and Comparator
LT1020CS LINER-LT1020CS Datasheet
245Kb / 4P
Micropower Regulator and Comparator?
LT1120 LINER-LT1120 Datasheet
152Kb / 12P
Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A Datasheet
217Kb / 8P
Micropower Regulator with Comparator and Shutdown
LT1020 LINER-LT1020_03 Datasheet
262Kb / 16P
Micropower Regulator and Comparator
LT1120A LINER-LT1120A_04 Datasheet
159Kb / 8P
Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120_03 Datasheet
185Kb / 12P
Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120_15 Datasheet
140Kb / 12P
Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A_15 Datasheet
169Kb / 8P
Micropower Regulator with Comparator and Shutdown
LT1020 LINER-LT1020_15 Datasheet
272Kb / 16P
Micropower Regulator and Comparator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com