Electronic Components Datasheet Search
  English  ▼

X  

HMC905LP3ETR Datasheet (PDF) - Analog Devices

HMC905LP3ETR Datasheet PDF - Analog Devices
Part # HMC905LP3ETR
Download  HMC905LP3ETR Download
File Size   664.28 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)

HMC905LP3ETR Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC905LP3ETR Datasheet PDF - Analog Devices

Part # HMC905LP3ETR
Download  HMC905LP3ETR Click to download

File Size   664.28 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)

HMC905LP3ETR Datasheet (HTML) - Analog Devices


HMC905LP3ETR Product details

Features
Low Noise Floor:
-164 dBc/Hz at 10 MHz Offset for N = 4
Programmable Frequency Divider, N = 1, 2, 3 or 4
400 MHz to 6 GHz Input Frequency Range
Up to +6 dBm Output Power
Sleep Mode: Consumes <1 μA
16 Lead 3X3 mm SMT Package: 9mm2




Similar Part No. - HMC905LP3ETR

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC905LP3E HITTITE-HMC905LP3E Datasheet
746Kb / 10P
6 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
More results


Similar Description - HMC905LP3ETR

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC794LP3E HITTITE-HMC794LP3E Datasheet
514Kb / 10P
2 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
HMC705LP4 HITTITE-HMC705LP4 Datasheet
1Mb / 12P
6.5 GHz PROGRAMMABLE DIVIDER (N = 1 - 17)
HMC794LP3E HITTITE-HMC794LP3E_10 Datasheet
818Kb / 10P
2 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
HMC861LP3E HITTITE-HMC861LP3E Datasheet
989Kb / 8P
13 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1, 3)
HMC862LP3E HITTITE-HMC862LP3E Datasheet
1Mb / 10P
0.1 - 15 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1, 2, 4, 8)
HMC905LP3E HITTITE-HMC905LP3E Datasheet
746Kb / 10P
6 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
logo
Pasternack Enterprises,...
PE1519 PASTERNACK-PE1519 Datasheet
392Kb / 2P
Low Noise Amplifier 1 ??4 GHz
logo
NXP Semiconductors
UXN40M7K NXP-UXN40M7K Datasheet
744Kb / 18P
40 GHz Divide-by-1-to-127 Programmable Integer Divider
Revision 1.0
logo
Analog Devices
HMC862A AD-HMC862A Datasheet
478Kb / 15P
0.1 GHz to 24 GHz, Low Noise, Programmable Divider
4/2019-Rev. 0 to Rev. A
logo
Guerrilla RF, Inc.
GRF2074W GUERRILLA-GRF2074W Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier 1 to 6 GHz
February 20, 2023
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com