Electronic Components Datasheet Search
  English  ▼

X  

NPS3102A Datasheet (PDF) - Nexperia B.V. All rights reserved

NPS3102A Datasheet PDF - Nexperia B.V. All rights reserved
Part # NPS3102A
Download  NPS3102A Download
File Size   2221.61 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 12 V, 2 A to 13.5 A, 17 mΩ eFuse

NPS3102A Datasheet (PDF)

Go To PDF Page Download Datasheet
NPS3102A Datasheet PDF - Nexperia B.V. All rights reserved

Part # NPS3102A
Download  NPS3102A Click to download

File Size   2221.61 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 12 V, 2 A to 13.5 A, 17 mΩ eFuse

NPS3102A Datasheet (HTML) - Nexperia B.V. All rights reserved


NPS3102A Product details

1. General description
NPS3102A and NPS3102B are low-ohmic (17 mΩ),
high current (13.5 A), resettable electronic fuses
that are targeted for 12 V applications. They are
designed to protect downstream loads from exposure
to excessive voltage and protect the power supply from
load faults and large inrush currents.
Output slew rate is controlled by a capacitor at dVdt
pin. Current limit can be adjusted in the 2 A to 13.5 A
range using a resistor at ILIM pin. The voltage at ILIM
pin can also be used as a measure of the load current
in real-time. The devices include a built-in over voltage
clamp that will limit the output voltage during input over
voltage conditions.
The devices also include a multi-function EN/FLT pin.
When the pin is left floating and the voltage at IN is
greater than the under voltage lock-out, the devices
turn on. During operation, the voltage at the pin can be
used as a fault indicator to determine if the devices are
operating normally. Pulling the EN/FLT pin low will turn
off the devices.
During thermal shutdown, both devices disable the
integrated pass-FET if the die temperature crosses the
over temperature threshold. The NPS3102A latches
off under a thermal shutdown event and requires
user reset by toggling the EN/FLT pin or cycling the
voltage at the IN pin. The NPS3102B integrates autoretry,
which safely attempts to re-enable the pass-FET
without the need for user intervention.

2. Features and benefits
• Up to 18 V operating range, 21 V absolute
maximum
• Integrated 17 mΩ pass MOSFET
• 15 V output voltage clamp
• 2 A to 13.5 A adjustable output current clamp
• 2 μs short circuit protection response time
• Programmable output rise time control
• Built-In thermal shutdown with fault alert pin
• Fault response options: latch-off, auto-retry
• Leadless plastic package; 10 terminals, body 3.0 x
3.0 x 0.75 mm (DFN3030-10/SOT8037-1)
• ESD protection:
• HBM ANSI/ESDA/JEDEC JS-001 class 2
exceeds 2000 V
• CDM ANSI/ESDA/JEDEC JS-002 class C3
exceeds 1000 V
• Specified from Tj = -40 °C to +125 °C
3. Applications
• Server
• Solid State Drive (SSD) and Hard Disk Drive (HDD)
• Mobile infrastructure
• Fan control
• Hot-Swap/Plug




Similar Part No. - NPS3102A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NPS3005 NEXPERIA-NPS3005 Datasheet
2Mb / 21P
0.5 V to 5.5 V, 6 A, 15 mΩ, single channel load switch with soft start
Rev. 1.1 10 June 2025
NPS3005-Q100 NEXPERIA-NPS3005-Q100 Datasheet
2Mb / 21P
0.5 V to 5.5 V, 6 A, 15 mΩ, single channel load switch with soft start
Rev. 1 10 June 2025
NPS3005GP NEXPERIA-NPS3005GP Datasheet
2Mb / 21P
0.5 V to 5.5 V, 6 A, 15 mΩ, single channel load switch with soft start
Rev. 1.1 10 June 2025
NPS3005GP-Q100 NEXPERIA-NPS3005GP-Q100 Datasheet
2Mb / 21P
0.5 V to 5.5 V, 6 A, 15 mΩ, single channel load switch with soft start
Rev. 1 10 June 2025
NPS3005GP-Q100Z NEXPERIA-NPS3005GP-Q100Z Datasheet
2Mb / 21P
0.5 V to 5.5 V, 6 A, 15 mΩ, single channel load switch with soft start
Rev. 1 10 June 2025
More results


Similar Description - NPS3102A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS25981 TI-TPS25981_V01 Datasheet
5Mb / 50P
TPS25981x 2.7 V – 16 V, 10-A, 6-mΩ eFuse with Transient Overcurrent Blanking Timer
REVISED JULY 2022
TPS56C231 TI-TPS56C231 Datasheet
2Mb / 33P
TPS56C231 3.8-V to 17-V Input , 12-A Synchronous Step-Down Converter
AUGUST 2022
TPS25990 TI-TPS25990 Datasheet
6Mb / 74P
TPS25990 2.9 V – 16 V, 0.79-mΩ, 60-A eFuse with PMBus® Digital Telemetry
REVISED SEPTEMBER 2022
TPS56C231 TI-TPS56C231_V01 Datasheet
2Mb / 34P
TPS56C231 3.8-V to 17-V Input , 12-A Synchronous Step-Down Converter
AUGUST 2022
TPS25948 TI-TPS25948 Datasheet
4Mb / 56P
TPS25948xx 3.5-V–23-V, 13-mΩ, 8-A eFuse With True Reverse Current Blocking
FEBRUARY 2023
TPS25990 TI-TPS25990_V01 Datasheet
10Mb / 143P
TPS25990 2.9 V – 16 V, 0.79-mΩ, 60-A Stackable eFuse with PMBus® Digital Telemetry
REVISED JUNE 2023
TPS25981 TI-TPS25981_V02 Datasheet
5Mb / 52P
TPS25981x 2.7 V – 16 V, 10-A, 6-mΩ eFuse with Transient Overcurrent Blanking Timer
REVISED JUNE 2023
logo
ON Semiconductor
NIS3071 ONSEMI-NIS3071 Datasheet
2Mb / 13P
eFuse, 4 Channel, 60 V, 2.5 A
August, 2023 - Rev. P7
logo
Texas Instruments
TPS25948 TI-TPS25948_V01 Datasheet
4Mb / 56P
TPS25948xx 3.5-V–23-V, 12.2-mΩ, 8-A eFuse With Bi-directional Power Delivery
REVISED SEPTEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com