Electronic Components Datasheet Search
  English  ▼

X  

HPZR-C10 Datasheet (PDF) - Nexperia B.V. All rights reserved

HPZR-C10 Datasheet PDF - Nexperia B.V. All rights reserved
Part # HPZR-C10
Download  HPZR-C10 Download
File Size   209.44 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description High power voltage regulator diodes

HPZR-C10 Datasheet (PDF)

Go To PDF Page Download Datasheet
HPZR-C10 Datasheet PDF - Nexperia B.V. All rights reserved

Part # HPZR-C10
Download  HPZR-C10 Click to download

File Size   209.44 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description High power voltage regulator diodes

HPZR-C10 Datasheet (HTML) - Nexperia B.V. All rights reserved


HPZR-C10 Product details

General description
Low-current voltage regulator diodes in a CFP3 (SOD123W) small and flat lead low-profile Surface-
Mounted Device (SMD) plastic package.
Features and benefits
• Total power dissipation: ≤ 962 mW
• Tolerance series: Approximately ±5 %
• Working voltage range: nominal 5.6 V to 75 V
• ESD maximum rating 30 kV according IEC 61000-4-2 (contact discharge)
Applications
• Low-currect general regulation functions




Similar Part No. - HPZR-C10

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HPZR-C10 NEXPERIA-HPZR-C10 Datasheet
212Kb / 12P
4.1 W high power voltage regulator diodes
Rev. 4 - 10 March 2023
HPZR-C10 NEXPERIA-HPZR-C10 Datasheet
220Kb / 13P
4.1 W high power voltage regulator diodes
Rev. 5 18 January 2024
HPZR-C10-Q NEXPERIA-HPZR-C10-Q Datasheet
213Kb / 12P
5.5 W high power voltage regulator diodes
Rev. 5 - 10 March 2023
HPZR-C10-Q NEXPERIA-HPZR-C10-Q Datasheet
210Kb / 12P
High power voltage regulator diodes
Rev. 2 - 12 September 2022
HPZR-C10-Q NEXPERIA-HPZR-C10-Q Datasheet
221Kb / 13P
5.5 W high power voltage regulator diodes
Rev. 6 18 January 2024
More results


Similar Description - HPZR-C10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
Voltage regulator diodes
1996 Jun 10
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
Voltage regulator diodes
2004 Mar 22
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B6V2,215 NXP-BZX84-B6V2,215 Datasheet
741Kb / 11P
Voltage regulator diodes
2003 Apr 10
logo
Galaxy Semi-Conductor H...
BZD27C BILIN-BZD27C_15 Datasheet
202Kb / 4P
VOLTAGE REGULATOR DIODES
logo
Nexperia B.V. All right...
HPZR-Q_SER NEXPERIA-HPZR-Q_SER Datasheet
213Kb / 12P
5.5 W high power voltage regulator diodes
Rev. 5 - 10 March 2023
SZMM3Z_SER NEXPERIA-SZMM3Z_SER Datasheet
268Kb / 12P
Voltage regulator diodes
Rev. 3 - 20 February 2023
HPZR_SER NEXPERIA-HPZR_SER Datasheet
212Kb / 12P
4.1 W high power voltage regulator diodes
Rev. 4 - 10 March 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com