Electronic Components Datasheet Search
  English  ▼

X  

1AXX Datasheet (PDF) - MEC Marcom Electronic Components Ltd.

1AXX Datasheet PDF - MEC Marcom Electronic Components Ltd.
Part # 1AXX
Download  1AXX Download
File Size   357.69 Kbytes
Page   8 Pages
Manufacturer  MEC [MEC Marcom Electronic Components Ltd.]
Direct Link  https://mec-uk.co.uk/
Logo MEC - MEC Marcom Electronic Components Ltd.
Description basic switch modules

1AXX Datasheet (PDF)

Go To PDF Page Download Datasheet
1AXX Datasheet PDF - MEC Marcom Electronic Components Ltd.

Part # 1AXX
Download  1AXX Click to download

File Size   357.69 Kbytes
Page   8 Pages
Manufacturer  MEC [MEC Marcom Electronic Components Ltd.]
Direct Link  https://mec-uk.co.uk/
Logo MEC - MEC Marcom Electronic Components Ltd.
Description basic switch modules

1AXX Datasheet (HTML) - MEC Marcom Electronic Components Ltd.


1AXX Product details

- 250mA/120V/9W AC/6W DC
- 2 pole
- momentary or alternate
- 8 contact functions
- temperature range:
low temp: -40/+75ºC
high temp: -40/+160ºC
- through-hole version




Similar Part No. - 1AXX

ManufacturerPart #DatasheetDescription
logo
APEM Components, Inc.
1AXX MULTIMEC-1AXX Datasheet
148Kb / 7P
basic switch modules
1AXX MULTIMEC-1AXX Datasheet
191Kb / 8P
basic switch modules
1AXX MULTIMEC-1AXX Datasheet
101Kb / 5P
PANEL BUSH, 2.5-4.0
logo
Eaton All Rights Reserv...
1AXXXX EATON-1AXXXX Datasheet
480Kb / 4P
PCB Fuse-clips for ATC/ATM Blade, 5 mm
More results


Similar Description - 1AXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
SWITCH BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
SWITCH-BASIC
logo
List of Unclassifed Man...
3ETL9-10.4 ETC2-3ETL9-10.4 Datasheet
251Kb / 2P
basic switch modules
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
SWITCH-BASIC
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
SWITCH-BASIC
logo
IDEC Corporation
15401 IDEC-15401 Datasheet
298Kb / 3P
basic switch modules
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
SWITCH-BASIC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com