Electronic Components Datasheet Search
  English  ▼

X  

LT8357 Datasheet (PDF) - Analog Devices

LT8357 Datasheet PDF - Analog Devices
Part # LT8357
Download  LT8357 Download
File Size   1249.88 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 60V Low IQ Boost Controller

LT8357 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT8357 Datasheet PDF - Analog Devices

Part # LT8357
Download  LT8357 Click to download

File Size   1249.88 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 60V Low IQ Boost Controller

LT8357 Datasheet (HTML) - Analog Devices


LT8357 Product details

DESCRIPTION
Evaluation circuit EVAL-LT8357-AZ features the LT®8357
as a 200kHz low EMI and low IQ, boost controller with a
24V output from 4.5V to 20V input. This evaluation circuit
features Spread Spectrum Frequency Modulation (SSFM)
and EMI filters to provide optimum EMI performance. The
board also contains placeholders and an outline to attach
clips for an optional EMI Shield attachment. This application
circuit can output 2A (see Figure 4 Maximum Output
Current vs VIN curve). When placed in shutdown, the converter
has very low quiescent current, ideal in automotive
and other battery-powered applications. PULSE SKIP
and BURST modes are selectable with jumper JP1. Each
user-selectable option enables low quiescent current at
light load and can also be combined with SSFM operation
using JP1.
The LT8357 boost controller IC operates over an input
range of 3V to 60V, suitable for automotive, telecom and
industrial applications. It exhibits a low quiescent current of
8μA, making it ideal for battery-operated systems. It drives
a low side N-channel power MOSFET with a 5V split gate
drive. The converter provides adjustable and synchronizable
operation from 100kHz to 2MHz with SSFM option. At
light load, either PULSE SKIP or low-ripple BURST mode
can be selected to improve the efficiency. The LT8357
packs popular features such as soft-start, input undervoltage
lockout, adjustable switching frequency and clock
synchronization. The Power Good (PGOOD) flag indicates
when the output voltage is in regulation.
The LT8357 comes in a thermally enhanced 12-lead plastic
MSE package. The LT8357 data sheet gives a complete
description of the part, pins, features, operation,
and application information. The data sheet must be read
in conjunction with this user guide for EVAL-LT8357-AZ.




Similar Part No. - LT8357

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8357 AD-LT8357 Datasheet
2Mb / 34P
60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
LT8357EMSE#PBF AD-LT8357EMSE#PBF Datasheet
2Mb / 34P
60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
LT8357EMSE#TRPBF AD-LT8357EMSE#TRPBF Datasheet
2Mb / 34P
60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
LT8357HMSE#PBF AD-LT8357HMSE#PBF Datasheet
2Mb / 34P
60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
LT8357HMSE#TRPBF AD-LT8357HMSE#TRPBF Datasheet
2Mb / 34P
60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
More results


Similar Description - LT8357

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3786EMSEPBF LINER-LTC3786EMSEPBF Datasheet
407Kb / 34P
Low IQ Synchronous Boost Controller
LTC3891 LINER-LTC3891_15 Datasheet
680Kb / 32P
Low IQ, 60V Synchronous Step-Down Controller
LTC3769 LINER-LTC3769_15 Datasheet
433Kb / 32P
60V Low IQ Synchronous Boost Controller
LTC3786 LINER-LTC3786_15 Datasheet
407Kb / 34P
Low IQ Synchronous Boost Controller
LTC3899 LINER-LTC3899_15 Datasheet
727Kb / 38P
60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
logo
Texas Instruments
LM5150-Q1 TI1-LM5150-Q1 Datasheet
1Mb / 44P
Wide VIN Automotive Low IQ Boost Controller
LM51501-Q1 TI1-LM51501-Q1 Datasheet
1Mb / 42P
Wide VIN Automotive Low IQ Boost Controller
logo
Linear Technology
LTC3899 LINER-LTC3899 Datasheet
920Kb / 38P
60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
Low IQ, 60V Synchronous BoostBuck Controller
logo
Analog Devices
LT8357 AD-LT8357 Datasheet
2Mb / 34P
60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com