Electronic Components Datasheet Search
  English  ▼

X  

FL2-18 Datasheet (PDF) - BLOCK Transformatoren-Elektronik GmbH

FL2-18 Datasheet PDF - BLOCK Transformatoren-Elektronik GmbH
Part # FL2-18
Download  FL2-18 Download
File Size   3941.66 Kbytes
Page   4 Pages
Manufacturer  BLOCK [BLOCK Transformatoren-Elektronik GmbH]
Direct Link  www.block.eu
Logo BLOCK - BLOCK Transformatoren-Elektronik GmbH
Description Low profile transformer

FL2-18 Datasheet (PDF)

Go To PDF Page Download Datasheet
FL2-18 Datasheet PDF - BLOCK Transformatoren-Elektronik GmbH

Part # FL2-18
Download  FL2-18 Click to download

File Size   3941.66 Kbytes
Page   4 Pages
Manufacturer  BLOCK [BLOCK Transformatoren-Elektronik GmbH]
Direct Link  www.block.eu
Logo BLOCK - BLOCK Transformatoren-Elektronik GmbH
Description Low profile transformer

FL2-18 Datasheet (HTML) - BLOCK Transformatoren-Elektronik GmbH


FL2-18 Product details

Rated input voltage 2 x 115 Vac
Rated output voltage 2 x 5 - 2 x 24 Vac
Rated power 2 - 52 VA
Insulation class E
Maximum ambient temperature 40 °C
Efficiency up to 81 %
Degree of protection IP 00




Similar Part No. - FL2-18

ManufacturerPart #DatasheetDescription
logo
BLOCK Transformatoren-E...
FL2-12 BLOCK-FL2-12 Datasheet
332Kb / 2P
Safety isolating transformer
More results


Similar Description - FL2-18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TL1220 ETC-TL1220 Datasheet
100Kb / 1P
LOW PROFILE HYBRID TRANSFORMER
logo
DB Lectro Inc
TL29E DBLECTRO-TL29E Datasheet
343Kb / 6P
LOW PROFILE ENCAPSULATED TRANSFORMER
logo
List of Unclassifed Man...
D2088 ETC2-D2088 Datasheet
226Kb / 2P
4VA LOW PROFILE ENCAPSULATED TRANSFORMER
logo
ETAL Group
P1165 ETAL-P1165 Datasheet
128Kb / 7P
LOW PROFILE LINE MATCHING TRANSFORMER
P3065 ETAL-P3065 Datasheet
128Kb / 5P
LOW PROFILE LINE MATCHING TRANSFORMER
logo
Rhombus Industries Inc.
T-31008 RHOMBUS-IND-T-31008 Datasheet
28Kb / 1P
Low Profile Coupling Transformer
3/21/97
logo
Wabash Transformer Inc.
UI-25-10 WABASH-UI-25-10 Datasheet
704Kb / 2P
Low Profile Power Transformer
logo
Allied Components Inter...
TLP24-250 ALLIED-TLP24-250 Datasheet
2Mb / 1P
Low Profile Power Transformer
logo
ETAL Group
9025 ETAL-9025 Datasheet
166Kb / 4P
LOW PROFILE LINE MATCHING TRANSFORMER
logo
Allied Components Inter...
TDBS24-1250 ALLIED-TDBS24-1250 Datasheet
720Kb / 1P
Low Profile Power Transformer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com