Electronic Components Datasheet Search
  English  ▼

X  

PCMDD Datasheet (PDF) - Hammond Manufacturing Ltd.

PCMDD Datasheet PDF - Hammond Manufacturing Ltd.
Part # PCMDD_V01
Download  PCMDD Download
File Size   61.87 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Horizontal Hinged Cable Manager PCMDD Series

PCMDD Datasheet (PDF)

Go To PDF Page Download Datasheet
PCMDD Datasheet PDF - Hammond Manufacturing Ltd.

Part # PCMDD_V01
Download  PCMDD Click to download

File Size   61.87 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Horizontal Hinged Cable Manager PCMDD Series

PCMDD Datasheet (HTML) - Hammond Manufacturing Ltd.


PCMDD Product details

Features
Constructed in 16-gauge steel.
Continuous hinged door with magnetic closure strip.
Four oblong openings (3.5" x 1.56") top & bottom - allowing for cable exit
top and/or bottom.
Openings in the rear for cable entry.
Designed to fit standard 19” rails.
Finished in textured black powder paint.
Requires mounting hardware.
RoHS and REACH compliant.
Manufactured in North America.




Similar Part No. - PCMDD_V01

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PCMDD19001 HAMMOND-PCMDD19001 Datasheet
158Kb / 1P
Mounting hardware not included
PCMDD19001BK1 HAMMOND-PCMDD19001BK1 Datasheet
59Kb / 1P
Gestionnaire de cables horizontal articule
PCMDD19001BK1 HAMMOND-PCMDD19001BK1 Datasheet
158Kb / 1P
Mounting hardware not included
PCMDD19003 HAMMOND-PCMDD19003 Datasheet
162Kb / 1P
Mounting hardware not included
PCMDD19003BK1 HAMMOND-PCMDD19003BK1 Datasheet
59Kb / 1P
Gestionnaire de cables horizontal articule
More results


Similar Description - PCMDD_V01

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1481WDH1418 HAMMOND-1481WDH1418 Datasheet
106Kb / 2P
Deep Hinged Window kits 1481WDH Series
RDCM HAMMOND-RDCM Datasheet
86Kb / 1P
Rail Depth Cable Manager
logo
Tripp Lite. All Rights ...
SRCABLEDUCT1U TRIPPLITE-SRCABLEDUCT1U Datasheet
471Kb / 2P
SmartRack 1U Horizontal Cable Manager - Finger duct with cover
SRCABLEDUCT1UHD TRIPPLITE-SRCABLEDUCT1UHD Datasheet
480Kb / 2P
SmartRack 1U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
SRCABLEDUCT2UHD TRIPPLITE-SRCABLEDUCT2UHD Datasheet
491Kb / 2P
SmartRack 2U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
SRCABLERING1U TRIPPLITE-SRCABLERING1U Datasheet
468Kb / 2P
SmartRack 1U Horizontal Cable Manager - Flexible ring type
SRCABLERING2U TRIPPLITE-SRCABLERING2U Datasheet
477Kb / 2P
SmartRack 2U Horizontal Cable Manager - Flexible ring type
logo
PANDUIT CORP.
WMP1E PANDUIT-WMP1E Datasheet
838Kb / 2P
PatchLink ??Horizontal Cable Managers
5/2016
WMPF1E PANDUIT-WMPF1E Datasheet
308Kb / 1P
WMPF1E HORIZONTAL MANAGER
08A
WMPLFSE PANDUIT-WMPLFSE Datasheet
273Kb / 1P
WMPLFSE HORIZONTAL MANAGER
04A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com