Electronic Components Datasheet Search
  English  ▼

X  

LMX2624PAP/EM Datasheet (PDF) - Texas Instruments

LMX2624PAP/EM Datasheet PDF - Texas Instruments
Part # LMX2624PAP/EM
Download  LMX2624PAP/EM Download
File Size   5636.84 Kbytes
Page   92 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMX2624-SP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support

LMX2624PAP/EM Datasheet (PDF)

Go To PDF Page Download Datasheet
LMX2624PAP/EM Datasheet PDF - Texas Instruments

Part # LMX2624PAP/EM
Download  LMX2624PAP/EM Click to download

File Size   5636.84 Kbytes
Page   92 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMX2624-SP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support

LMX2624PAP/EM Datasheet (HTML) - Texas Instruments


LMX2624PAP/EM Product details

1 Features
• SMD 5962R2321001PXE
– Total ionizing dose 100Krad (ELDRS-free)
– Single event latch-up (SEL) immune up to
75MeV-cm2/mg
– Single event functional interrupt (SEFI) immune
up to 75MeV-cm2/mg
• Wide band frequency synthesizer : 5MHz to
30GHz output frequency
• –102dBc/Hz phase noise at 100kHz offset with
30GHz carrier
• 62fs RMS jitter at 30GHz (1kHz to 100MHz)
• Programmable output power
• PLL key specifications:
– Figure of merit: –236dBc/Hz
– Normalized 1/f noise: –129dBc/Hz
– Up to 200MHz phase detector frequency in
fractional mode.
• Synchronization of output phase across multiple
devices
• Independent mute pins for RFoutA and RFoutB
outputs
• Support for SYSREF with programmable delay
• 3.3V single power supply operation
• Pin-mode: Pin configurable N divider and output
divider in Integer PLL mode
• 10 × 10mm² 64 lead QFP package
• Operating temperature range: –55°C to +125°C
• Supported by PLLatinum™ Simulator design tool




Similar Part No. - LMX2624PAP/EM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2624-SP TI1-LMX2624-SP Datasheet
1Mb / 65P
LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
DECEMBER 2024
LMX2624-SP TI2-LMX2624-SP Datasheet
1Mb / 65P
LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
DECEMBER 2024
More results


Similar Description - LMX2624PAP/EM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2594 TI1-LMX2594 Datasheet
2Mb / 73P
15 GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2595 TI1-LMX2595 Datasheet
1Mb / 70P
19-GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2572 TI1-LMX2572 Datasheet
997Kb / 26P
6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2572 TI1-LMX2572_17 Datasheet
1Mb / 87P
6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2615-SP TI1-LMX2615-SP Datasheet
839Kb / 91P
Space Grade 40-MHz to 15-GHz Wideband Synthesizer With Phase Synchronization and JESD204B Support
LMX2615-SP TI1-LMX2615-SP_V01 Datasheet
1Mb / 69P
LMX2615-SP Space Grade 40-MHz to 15-GHz Wideband Synthesizer With Phase Synchronization and JESD204B Support
LMX2615-SP TI1-LMX2615-SP_V02 Datasheet
1Mb / 68P
LMX2615-SP Space Grade 40-MHz to 15-GHz Wideband Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI1-LMX2820 Datasheet
1Mb / 37P
LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI-LMX2820_V01 Datasheet
1Mb / 40P
LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI1-LMX2820_V02 Datasheet
3Mb / 43P
LMX2820 22.6-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com