Electronic Components Datasheet Search
  English  ▼

X  

HP50PCGY Datasheet (PDF) - Hammond Manufacturing Ltd.

HP50PCGY Datasheet PDF - Hammond Manufacturing Ltd.
Part # HP50PCGY
Download  HP50PCGY Download
File Size   101.87 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Hole Plugs HPN4PC Series Type 4X Non-metallic - UR/cUR

HP50PCGY Datasheet (PDF)

Go To PDF Page Download Datasheet
HP50PCGY Datasheet PDF - Hammond Manufacturing Ltd.

Part # HP50PCGY
Download  HP50PCGY Click to download

File Size   101.87 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Hole Plugs HPN4PC Series Type 4X Non-metallic - UR/cUR

HP50PCGY Datasheet (HTML) - Hammond Manufacturing Ltd.


HP50PCGY Product details

Features
Designed to seal unused push button holes, conduit openings and knock out holes against
dust, oil and water.
Standard Pushbutton size is 30.5mm
Available in 11 sizes.
Available in 2 color options - ANSI 61 Gray (GY) & RAL7035 Light Gray (LG)
Compatible with enclosure wall thickness from 16 gauge to 1/4”
Self centering, anti-rotational design for fast and easy one person installation, no tools
required
Recognized component for use with UL & CSA listed enclosures
Type 1, 3, 3R, 4, 4X
Molded in polycarbonate with neoprene/EPDM gasket material




Similar Part No. - HP50PCGY

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HP50 HUASHAN-HP50 Datasheet
838Kb / 3P
NPN SILICON TRANSISTOR
logo
Hammond Manufacturing L...
HP50 HAMMOND-HP50 Datasheet
123Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
List of Unclassifed Man...
HP50-103 ETC2-HP50-103 Datasheet
69Kb / 2P
HP5 CYCL-FLEX짰 Reset Timer
HP50-131 ETC2-HP50-131 Datasheet
69Kb / 2P
HP5 CYCL-FLEX짰 Reset Timer
HP50-133 ETC2-HP50-133 Datasheet
69Kb / 2P
HP5 CYCL-FLEX짰 Reset Timer
More results


Similar Description - HP50PCGY

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
NBB-10240 BUD-NBB-10240 Datasheet
80Kb / 1P
NON-METALLIC ENCLOSURE (STYLE B)
NBB-10243 BUD-NBB-10243 Datasheet
99Kb / 1P
NON-METALLIC ENCLOSURE (STYLE B)
NBB-10245 BUD-NBB-10245 Datasheet
89Kb / 1P
NON-METALLIC ENCLOSURE (STYLE B)
NBB-10247 BUD-NBB-10247 Datasheet
103Kb / 1P
NON-METALLIC ENCLOSURE (STYLE B)
NBX-10975-PL BUD-NBX-10975-PL Datasheet
206Kb / 2P
LARGE NON-METALLIC ENCLOSURES
logo
Switchcraft, Inc.
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
List of Unclassifed Man...
NBD-10442 ETC2-NBD-10442 Datasheet
104Kb / 2P
NON-METALLIC ENCLOSURE
NBD-10456 ETC2-NBD-10456 Datasheet
94Kb / 1P
NON-METALLIC ENCLSURE (STYLE D)
NBA-10162 ETC2-NBA-10162 Datasheet
68Kb / 1P
NON-METALLIC ENCLSURE (STYLE A)
F250TA ETC2-F250TA Datasheet
120Kb / 1P
Non-Insulated 250 Series Adapter Length 0.82, Metallic
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com