Electronic Components Datasheet Search
  English  ▼

X  

HB3250A Datasheet (PDF) - Hammond Manufacturing Ltd.

HB3250A Datasheet PDF - Hammond Manufacturing Ltd.
Part # HB3250A
Download  HB3250A Download
File Size   49.03 Kbytes
Page   1 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Rack Mount Intake Blowers HB Series

HB3250A Datasheet (PDF)

Go To PDF Page Download Datasheet
HB3250A Datasheet PDF - Hammond Manufacturing Ltd.

Part # HB3250A
Download  HB3250A Click to download

File Size   49.03 Kbytes
Page   1 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Rack Mount Intake Blowers HB Series

HB3250A Datasheet (HTML) - Hammond Manufacturing Ltd.


HB3250A Product details

Features
Standard 19" rack mount
Air delivery from more than 50% of their 17" width
Internal neoprene isolation mounts reduce transmission of vibration to the
rack
Air intake only, to pressurize the rack with filtered air
Heavy steel construction
Attractive 19" stainless steel grille included
115 VAC, 50/60 Hz. motor is UL recognized, CSA certified, ball bearing type,
cooled by incoming air
Includes permanent filter (replacement filters available below)
Comes with 6' STJ 3- wire cord
Optional replacement filters come in a pack of five (5).




Similar Part No. - HB3250A

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HB3250A HAMMOND-HB3250A Datasheet
250Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HB3250A HAMMOND-HB3250A Datasheet
110Kb / 1P
Rack Mount Intake Blowers
1/9/22
More results


Similar Description - HB3250A

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
HB7425F FARADAY-HB7425F Datasheet
129Kb / 2P
HB SERIES HDTV FILTERS
logo
Cooper Bussmann, Inc.
HB1030-2R5106-R COOPER-HB1030-2R5106-R Datasheet
254Kb / 2P
Supercapacitors HB Series
logo
Tyco Electronics
HB15M0FZRE MACOM-HB15M0FZRE Datasheet
111Kb / 2P
Type HB Series
logo
List of Unclassifed Man...
B5015M ETC2-B5015M Datasheet
380Kb / 1P
DC BLOWERS
B5020L ETC2-B5020L Datasheet
345Kb / 1P
DC BLOWERS
UF133(91)APA12-H1S2A ETC2-UF133(91)APA12-H1S2A Datasheet
489Kb / 1P
AC BLOWERS
logo
ebm-papst
QLN65AC EBMPAPST-QLN65AC Datasheet
72Kb / 1P
Tangential blowers
logo
Copal Electronics
TF037E-2000-F COPAL-TF037E-2000-F Datasheet
254Kb / 8P
Blowers Outline
logo
Mechatronics, Inc.
UF160DPB MECHATRONICS-UF160DPB Datasheet
421Kb / 1P
AC BLOWERS
logo
Hammond Manufacturing L...
HB2UFILTER HAMMOND-HB2UFILTER Datasheet
110Kb / 1P
Rack Mount Intake Blowers
1/9/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com