Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G123GS Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC1G123GS Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC1G123GS
Download  74LVC1G123GS Download
File Size   297.08 Kbytes
Page   31 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single retriggerable monostable multivibrator; Schmitt trigger inputs

74LVC1G123GS Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G123GS Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC1G123GS
Download  74LVC1G123GS Click to download

File Size   297.08 Kbytes
Page   31 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single retriggerable monostable multivibrator; Schmitt trigger inputs

74LVC1G123GS Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC1G123GS Product details

General description
The 74LVC1G123 is a single retriggerable monostable multivibrator with Schmitt trigger
inputs. Output pulse width is controlled by three methods:
1. The basic pulse is programmed by selection of an external resistor (REXT) and
capacitor (CEXT).
2. Once triggered, the basic output pulse width may be extended by retriggering the
gated active LOW-going edge input (A) or the active HIGH-going edge input (B). By
repeating this process, the output pulse period (Q = HIGH) can be made as long as
desired. Alternatively an output delay can be terminated at any time by a LOW-going
edge on input CLR, which also inhibits the triggering.
3. An internal connection from CLR to the input gates makes it possible to trigger the
circuit by a HIGH-going signal at input CLR.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of these
devices as translators in a mixed 3.3 V and 5 V environment. Schmitt trigger inputs,
makes the circuit highly tolerant to slower input rise and fall times.
This device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing the damaging backflow current through the device
when it is powered down.
Features and benefits
 Wide supply voltage range from 1.65 V to 5.5 V
 High noise immunity
 24 mA output drive (VCC = 3.0 V)
 CMOS low power consumption
 DC triggered from active HIGH or active LOW inputs
 Retriggerable for very long pulses up to 100 % duty factor
 Direct reset terminates output pulse
 Schmitt trigger on all inputs
 Complies with JEDEC standard:
 JESD8-7 (1.65 V to 1.95 V)
 JESD8-5 (2.3 V to 2.7 V)
 JESD8-B/JESD36 (2.7 V to 3.6 V)
 Power-on-reset on outputs
 Latch-up performance exceeds 100 mA
 Direct interface with TTL levels
Inputs accept voltages up to 5.5 V
ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 CDM JESD22-C101E exceeds 1000 V
Multiple package options
Specified from 40 C to +85 C and 40 C to +125 C




Similar Part No. - 74LVC1G123GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G123GS PHILIPS-74LVC1G123GS Datasheet
1Mb / 31P
Single retriggerable monostable multivibrator
Rev. 4-27 November 2013
logo
Nexperia B.V. All right...
74LVC1G123GS NEXPERIA-74LVC1G123GS Datasheet
331Kb / 24P
Single retriggerable monostable multivibrator; Schmitt trigger inputs
Rev. 7 - 20 April 2021
More results


Similar Description - 74LVC1G123GS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV123A TI-SN54LV123A Datasheet
530Kb / 23P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LVC1G123 TI-SN74LVC1G123 Datasheet
326Kb / 18P
SINGLE RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT TRIGGER INPUTS
SN74LV123A-Q1 TI-SN74LV123A-Q1 Datasheet
163Kb / 10P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT - TRIGGER INPUTS
SN74LV123A-EP TI1-SN74LV123A-EP Datasheet
475Kb / 12P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT-TRIGGER INPUTS
SN74LV221A-Q1 TI1-SN74LV221A-Q1 Datasheet
197Kb / 14P
DUAL MONOSTABLE MULTIVIBRATOR WITH SCHMITT-TRIGGER INPUTS
logo
NXP Semiconductors
74LVC1G123 PHILIPS-74LVC1G123 Datasheet
1Mb / 31P
Single retriggerable monostable multivibrator
Rev. 4-27 November 2013
logo
Texas Instruments
SN54LV123A TI1-SN54LV123A_15 Datasheet
1Mb / 34P
Dual Retriggerable Monostable Multivibrators With Schmitt-Trigger Inputs
SN74LV123A-Q1 TI1-SN74LV123A-Q1_16 Datasheet
897Kb / 24P
Dual Retriggerable Monostable Multivibrator With Schmitt-Trigger Inputs
logo
Nexperia B.V. All right...
74LVC1G123-Q100 NEXPERIA-74LVC1G123-Q100 Datasheet
286Kb / 21P
Single retriggerable monostable multivibrator Schmitt trigger inputs
74LVC1G123 NEXPERIA-74LVC1G123 Datasheet
331Kb / 24P
Single retriggerable monostable multivibrator; Schmitt trigger inputs
Rev. 7 - 20 April 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com