Electronic Components Datasheet Search
  English  ▼

X  

IS.05.B.301111 Datasheet (PDF) - Taoglas antenna solutions

IS.05.B.301111 Datasheet PDF - Taoglas antenna solutions
Part # IS.05.B.301111
Download  IS.05.B.301111 Download
File Size   1354.7 Kbytes
Page   17 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description IS.05 915MHz Hercules ISM Band Antenna

IS.05.B.301111 Datasheet (PDF)

Go To PDF Page Download Datasheet
IS.05.B.301111 Datasheet PDF - Taoglas antenna solutions

Part # IS.05.B.301111
Download  IS.05.B.301111 Click to download

File Size   1354.7 Kbytes
Page   17 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description IS.05 915MHz Hercules ISM Band Antenna

IS.05.B.301111 Datasheet (HTML) - Taoglas antenna solutions


IS.05.B.301111 Product details

Features:
Low Profile
Height: 29mm, Diameter: 49mm
Heavy Duty Screw Mount
UV and Vandal Resistant PC Housing
IP67 & IP69K – Waterproof
Standard cable is 3m RG174 with SMA(M)-connector fully customizable




Similar Part No. - IS.05.B.301111

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
IS.05 TAOGLAS-IS.05 Datasheet
1Mb / 18P
ROHS Compliant
More results


Similar Description - IS.05.B.301111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXP290070100A ETC2-FXP290070100A Datasheet
512Kb / 8P
915MHz ISM Band Flex Circuit Antenna
IS04B301111 ETC2-IS04B301111 Datasheet
873Kb / 17P
868 MHz Hercules ISM Band Antenna Screw-mount
IS05B301111 ETC2-IS05B301111 Datasheet
888Kb / 17P
915 MHz Hercules ISM Band Antenna Screw-mount
logo
Taoglas antenna solutio...
IS04B301111 TAOGLAS-IS04B301111 Datasheet
1Mb / 18P
IS.04 868MHz Hercules ISM Band Antenna
IS05B301111 TAOGLAS-IS05B301111 Datasheet
1Mb / 18P
915 MHz Hercules ISM Band Antenna
FXP290070100A TAOGLAS-FXP290070100A Datasheet
451Kb / 9P
915MHz ISM Band Flex Circuit Antenna
ILA09 TAOGLAS-ILA09 Datasheet
2Mb / 18P
ISM 915MHz Chip Antenna
logo
Suntsu Electronics, Inc...
SATCA-5A3AF-ISB7 SUNTSU-SATCA-5A3AF-ISB7 Datasheet
1Mb / 4P
ISM 915MHz Band System
logo
Maxtena Inc.
MEA-868-915-SMA MAXTENA-MEA-868-915-SMA Datasheet
1Mb / 3P
868MHz-915MHz ISM band antenna
REV A
MEA-915-SM MAXTENA-MEA-915-SM Datasheet
457Kb / 3P
External 915MHz ISM Band Antenna
REV A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com