Electronic Components Datasheet Search
  English  ▼

X  

HP5010A Datasheet (PDF) - Taoglas antenna solutions

HP5010A Datasheet PDF - Taoglas antenna solutions
Part # HP5010A
Download  HP5010A Download
File Size   1678.59 Kbytes
Page   22 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description Multiband GNSS, Stacked Terrablast Patch Antenna

HP5010A Datasheet (PDF)

Go To PDF Page Download Datasheet
HP5010A Datasheet PDF - Taoglas antenna solutions

Part # HP5010A
Download  HP5010A Click to download

File Size   1678.59 Kbytes
Page   22 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description Multiband GNSS, Stacked Terrablast Patch Antenna

HP5010A Datasheet (HTML) - Taoglas antenna solutions


HP5010A Product details

Description:
50x50x10.5mm Terrablast GPS L1/L2/L5 Patch Antenna, 1176.45-1227.6MHz, 1561-1610MHz

Features:
GPS L1, GPS L2 and GPS L5 band, GLONASS, Galileo and BeiDou Operation
Right-Hand Circularly Polarized Patch
Single Feed Patch Assembly
Ultra-Impact Resistant Terrablast Material
Dimensions: 50*50*10.5mm
Tuned for Centre Positioning on a 70*70mm Ground-plane
Patent Pending Design
RoHS & REACH Compliant




Similar Part No. - HP5010A

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HP50 HUASHAN-HP50 Datasheet
838Kb / 3P
NPN SILICON TRANSISTOR
logo
Hammond Manufacturing L...
HP50 HAMMOND-HP50 Datasheet
123Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
List of Unclassifed Man...
HP50-103 ETC2-HP50-103 Datasheet
69Kb / 2P
HP5 CYCL-FLEX짰 Reset Timer
HP50-131 ETC2-HP50-131 Datasheet
69Kb / 2P
HP5 CYCL-FLEX짰 Reset Timer
HP50-133 ETC2-HP50-133 Datasheet
69Kb / 2P
HP5 CYCL-FLEX짰 Reset Timer
More results


Similar Description - HP5010A

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
GPSLPMB403 PULSE-GPSLPMB403 Datasheet
3Mb / 41P
2xLTE, WIFI, GNSS MULTIBAND VEHICULAR ANTENNA
logo
Taoglas antenna solutio...
GGSFTP.50.7.A.08 TAOGLAS-GGSFTP.50.7.A.08 Datasheet
800Kb / 13P
50*50*7mm Low Profile Terrablast Stacked Patch Antenna
GGBSFTP.45.9.A.08 TAOGLAS-GGBSFTP.45.9.A.08 Datasheet
905Kb / 12P
45*45*9mm Terrablast Stacked Patch Antenna
logo
TE Connectivity Ltd
2195766-1 TEC-2195766-1 Datasheet
4Mb / 3P
GNSS ANTENNA L1/L2 HIGH PRECISION STACKED PASSIVE PATCH ANTENNA, PIN TYPE
2195767-1 TEC-2195767-1 Datasheet
3Mb / 3P
GNSS ANTENNA L1/L2 HIGH PRECISION STACKED PASSIVE PATCH ANTENNA, PIN TYPE
logo
Pulse A Technitrol Comp...
GPSLPMB401 PULSE-GPSLPMB401 Datasheet
2Mb / 39P
: 2xLTE, WiFi , GNSS Multiband Vehicular Antenna
logo
Linx Technologies
ANT-GNCP-TH25AL12 LINX-ANT-GNCP-TH25AL12 Datasheet
1Mb / 14P
L1/L2 Ceramic Patch GNSS Antenna
2021
ANT-GNCP-C257L160 LINX-ANT-GNCP-C257L160 Datasheet
906Kb / 8P
L1 Active Ceramic Patch GNSS Antenna
2021
ANT-GNCP-C185L160 LINX-ANT-GNCP-C185L160 Datasheet
909Kb / 8P
L1 Active Ceramic Patch GNSS Antenna
2021
ANT-GNCP-C357L160 LINX-ANT-GNCP-C357L160 Datasheet
872Kb / 8P
L1 Active Ceramic Patch GNSS Antenna
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com