Electronic Components Datasheet Search
  English  ▼

X  

HMC589AST89E Datasheet (PDF) - Analog Devices

HMC589AST89E Datasheet PDF - Analog Devices
Part # HMC589AST89E
Download  HMC589AST89E Download
File Size   1098.41 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz

HMC589AST89E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC589AST89E Datasheet PDF - Analog Devices

Part # HMC589AST89E
Download  HMC589AST89E Click to download

File Size   1098.41 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz

HMC589AST89E Datasheet (HTML) - Analog Devices


HMC589AST89E Product details

Features
P1dB Output Power: +21 dBm
Gain: 21 dB
Output IP3: +33 dBm
Single Supply: +5V
Industry Standard SOT89E Package




Similar Part No. - HMC589AST89E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC589AST89E AD-HMC589AST89E Datasheet
449Kb / 7P
InGaP HBT GAIN BLOCK
HMC589AST89E AD-HMC589AST89E Datasheet
256Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER
HMC589AST89E AD-HMC589AST89E_17 Datasheet
256Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER
More results


Similar Description - HMC589AST89E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC396 HITTITE-HMC396 Datasheet
215Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8.0 GHz
HMC580ST89 HITTITE-HMC580ST89 Datasheet
272Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 1.0 GHz
HMC589ST89 HITTITE-HMC589ST89 Datasheet
618Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC311LP3 HITTITE-HMC311LP3_07 Datasheet
227Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC395 HITTITE-HMC395_07 Datasheet
193Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC405 HITTITE-HMC405_07 Datasheet
197Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
HMC395 HITTITE-HMC395_09 Datasheet
174Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC396 HITTITE-HMC396_09 Datasheet
183Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
HMC589ST89 HITTITE-HMC589ST89_10 Datasheet
212Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
logo
Analog Devices
HMC395 AD-HMC395 Datasheet
239Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com