Electronic Components Datasheet Search
  English  ▼

X  

FXR.2525 Datasheet (PDF) - Taoglas antenna solutions

FXR.2525 Datasheet PDF - Taoglas antenna solutions
Part # FXR.2525
Download  FXR.2525 Download
File Size   1162.33 Kbytes
Page   15 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description Square Form Factor Flexible Near Field Communications Antenna

FXR.2525 Datasheet (PDF)

Go To PDF Page Download Datasheet
FXR.2525 Datasheet PDF - Taoglas antenna solutions

Part # FXR.2525
Download  FXR.2525 Click to download

File Size   1162.33 Kbytes
Page   15 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description Square Form Factor Flexible Near Field Communications Antenna

FXR.2525 Datasheet (HTML) - Taoglas antenna solutions


FXR.2525 Product details

Features:
13.56 MHz Antenna
Flexible Low Profile Embedded
Typical interrogation distance: 40 mm
Dimensions:
• Length and Height: 25 x 25 mm
• Thickness: 0.14 mm -FXR.2525.A - NFC without ferrite
• Thickness: 0.27 mm - FXR.2525.A.dg - NFC with ferrite
• Thickness: 0.27 mm - FXR.2525.52.0075X.A.dg - NFC with ferrite and 75mm twisted cable.
Peel and stick 3M adhesive
RoHS & Reach Compliant




Similar Part No. - FXR.2525

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXR.2525.52.0075X.B.DG TAOGLAS-FXR.2525.52.0075X.B.DG Datasheet
1Mb / 14P
NFC Flex Antenna (25*25*0.355mm) with a Reverse Ferrite Layer and adhesive backing
Revision: A 2024-06-17
FXR.2525.B TAOGLAS-FXR.2525.B Datasheet
1Mb / 14P
NFC Flex Antenna (25*25*0.355mm) with a Reverse Ferrite Layer and adhesive backing
Revision: A 2024-06-17
FXR.2525.B.DG TAOGLAS-FXR.2525.B.DG Datasheet
1Mb / 14P
NFC Flex Antenna (25*25*0.355mm) with a Reverse Ferrite Layer and adhesive backing
Revision: A 2024-06-17
More results


Similar Description - FXR.2525

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXR01070100CA ETC2-FXR01070100CA Datasheet
1Mb / 9P
Flexible Near-Field Communications Reader Antenna
FXT01A ETC2-FXT01A Datasheet
241Kb / 7P
Flexible PCB Near-Field Communications Tag Antenna
logo
Taoglas antenna solutio...
FXR.07.52.0075X.A.DG TAOGLAS-FXR.07.52.0075X.A.DG Datasheet
4Mb / 10P
Circular Near-Field Communications Ferrite
FXR07A TAOGLAS-FXR07A Datasheet
6Mb / 10P
Circular Near-Field Communications Antenna
FXR05A TAOGLAS-FXR05A Datasheet
1Mb / 10P
Small Form Factor Circular Flexible Near-Field Communications Antenna
FXR06A TAOGLAS-FXR06A Datasheet
1Mb / 10P
Square Flexible Near-Field Communications Antenna
FXR08A TAOGLAS-FXR08A Datasheet
1Mb / 10P
Rectangular Flexible Near-Field Communications Antenna
FXR01070100CA TAOGLAS-FXR01070100CA Datasheet
1Mb / 10P
Flexible Near-Field Communications Reader Antenna
FXR06520075XA TAOGLAS-FXR06520075XA Datasheet
1Mb / 10P
Square Flexible Near-Field Communications Ferrite Antenna with 75mm Twisted Pair 28AWG Cable and ACH(F) connector
FXR07520075XA TAOGLAS-FXR07520075XA Datasheet
1Mb / 11P
Circular Flexible Near-Field Communications Antenna with 75mm Twisted Pair 28AWG Cable and ACH(F) connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com