Electronic Components Datasheet Search
  English  ▼

X  

DS3177N+ Datasheet (PDF) - Analog Devices

DS3177N+ Datasheet PDF - Analog Devices
Part # DS3177N+
Download  DS3177N+ Download
File Size   3178.62 Kbytes
Page   230 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DS3/E3 Single-Chip Transceiver

DS3177N+ Datasheet (PDF)

Go To PDF Page Download Datasheet
DS3177N+ Datasheet PDF - Analog Devices

Part # DS3177N+
Download  DS3177N+ Click to download

File Size   3178.62 Kbytes
Page   230 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DS3/E3 Single-Chip Transceiver

DS3177N+ Datasheet (HTML) - Analog Devices


DS3177N+ Product details

FEATURES
 Single-Chip Transceiver for DS3 and E3
 Performs Receive Clock/Data Recovery and
Transmit Waveshaping for DS3 and E3
 Jitter Attenuator can be Placed Either in the
Receive or Transmit Path
 Interfaces to 75 Coaxial Cable at Lengths Up to
380 Meters or 1246 Feet (DS3), or 440 Meters or
1443 Feet (E3)
 Uses 1:2 Transformers on Both Tx and Rx
 On-Chip DS3 (M23 or C-Bit) and E3 (G.751 or
G.832) Framer
 Built-In HDLC Controller with 256-Byte FIFO for
the Insertion/Extraction of DS3 PMDL, G.751 Sn
Bit, and G.832 NR/GC Bytes
 On-Chip BERT for PRBS and Repetitive Pattern
Generation, Detection and Analysis
 Large Performance-Monitoring Counters for
Accumulation Intervals of At Least 1 Second
 Flexible Overhead Insertion/Extraction Port for
DS3, E3 Framers
 Loopbacks Include Line, Diagnostic, Framer,
Payload, and Analog with Capabilities to Insert
AIS in the Directions Away from Loopback
Directions
 Integrated Clock Rate Adapter to Generate the
Remaining Internally Required 44.736MHz (DS3)
and 34.368MHz (E3) from a Single-Clock
Reference Source
 CLAD Reference Clock can be 44.736MHz,
34.368MHz, 77.76MHz, 51.84MHz, or 19.44MHz
 Software Compatible with DS3171–DS3174 SCT
Product Family
 8-/16-Bit Parallel and Slave SPI Serial (≤ 10Mbps)
Microprocessor Interface
 Low-Power (0.5W) 3.3V Operation (5V Tolerant I/O)
 100-Pin Small 11mm x 11mm (1mm) CSBGA
 Industrial Temperature Operation: -40°C to +85°C
 IEEE 1149.1 JTAG Test Port




Similar Part No. - DS3177N+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3170 MAXIM-DS3170 Datasheet
1Mb / 233P
DS3/E3 Single-Chip Transceiver
REV: 101404
DS3170 MAXIM-DS3170 Datasheet
2Mb / 230P
DS3/E3 Single-Chip Transceiver Single-Chip Transceiver for DS3 and E3
Rev 2; 3/11
DS3170DK MAXIM-DS3170DK Datasheet
2Mb / 40P
DS3/E3 Single-Chip Transceiver Design Kit
REV: 091205
DS3170L MAXIM-DS3170L Datasheet
1Mb / 233P
DS3/E3 Single-Chip Transceiver
REV: 101404
DS3170L MAXIM-DS3170L Datasheet
2Mb / 230P
DS3/E3 Single-Chip Transceiver Single-Chip Transceiver for DS3 and E3
Rev 2; 3/11
More results


Similar Description - DS3177N+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3142 DALLAS-DS3142 Datasheet
1Mb / 88P
Single/Dual/Triple/Quad DS3/E3 Framers
logo
Maxim Integrated Produc...
DS3170 MAXIM-DS3170 Datasheet
1Mb / 233P
DS3/E3 Single-Chip Transceiver
REV: 101404
logo
TDK Electronics
78P7200L TDK-78P7200L Datasheet
339Kb / 24P
E3/DS3/STS-1 Transceiver
logo
Exar Corporation
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
DS3/E3 FRAMER IC
logo
Dallas Semiconductor
DS3171 DALLAS-DS3171 Datasheet
2Mb / 232P
Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
logo
TDK Electronics
78P2243 TDK-78P2243 Datasheet
24Kb / 2P
Triple E3/DS3/STS-1 Transceiver
logo
Asahi Kasei Microsystem...
AK2504A AKM-AK2504A Datasheet
185Kb / 30P
DS3/STS-1/E3 Transceiver
logo
Maxim Integrated Produc...
DS3141 MAXIM-DS3141 Datasheet
1Mb / 88P
Single/Dual/Triple/Quad DS3/E3 Framers
REV: 012003
DS3170 MAXIM-DS3170_11 Datasheet
2Mb / 230P
DS3/E3 Single-Chip Transceiver Single-Chip Transceiver for DS3 and E3
Rev 2; 3/11
DS3170DK MAXIM-DS3170DK Datasheet
2Mb / 40P
DS3/E3 Single-Chip Transceiver Design Kit
REV: 091205
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com