Electronic Components Datasheet Search
  English  ▼

X  

DC2841A Datasheet (PDF) - Analog Devices

DC2841A Datasheet PDF - Analog Devices
Part # DC2841A
Download  DC2841A Download
File Size   504.21 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LT8648S 42V, 15A Synchronous Step-Down Silent Switcher 2

DC2841A Datasheet (PDF)

Go To PDF Page Download Datasheet
DC2841A Datasheet PDF - Analog Devices

Part # DC2841A
Download  DC2841A Click to download

File Size   504.21 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LT8648S 42V, 15A Synchronous Step-Down Silent Switcher 2

DC2841A Datasheet (HTML) - Analog Devices


DC2841A Product details

DESCRIPTION
Demonstration Circuit 2841A is a 42V, 15A synchronous
step-down Silent Switcher 2 with spread spectrum
frequency modulation featuring the LT8648S. The
demo board is designed for 5V output from a 5.7V to
42V input. The wide input range allows a variety of input
sources, such as automotive batteries and industrial supplies.
The LT8648S is a compact, ultralow emission, high
efficiency, and high speed synchronous monolithic stepdown
switching regulator. The integrated bypass capacitors
optimize the fast current loops and make it easier to
minimize EMI emissions by reducing layout sensitivity.
Selectable spread spectrum mode further improves EMI
performance, making it perfect solution to the noise sensitive
applications.
Peak current mode control with minimum on-time of as
small as 25ns allows high step-down conversion even at
high frequency. The LT8648S switching frequency can be
programmed either via oscillator resistor or external clock
over a 200kHz to 2.2MHz range. The default frequency of
demo circuit 2841A is 400kHz.
The SYNC/MODE pin on the demo board DC2841A is
grounded (JP1 at BURST position) by default for low
ripple Burst Mode® operation. It can be configured into
different operation modes through JP1 and SYNC terminal
(Table 1).
Figure 1 shows the efficiency of the circuit at 12V input
and 24V input in force continuous mode without spread
spectrum. To get accurate efficiency measurement, measure
the input voltage at the VIN SENSE terminal and
measure the output voltage at the VO SENSE terminal.
Figure 2 shows the LT8648S temperature rising on
DC2841A demo board under different load conditions. The
LT8648S is assembled in a 7mm × 4mm LQFN package
with exposed pads for low thermal resistance. The rated
maximum load current is 15A, while derating is necessary
for certain input voltage and thermal conditions.




Similar Part No. - DC2841A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DC2847A-KIT AD-DC2847A-KIT Datasheet
796Kb / 26P
9 kHz to 7 GHz, Bidirectional RMS and VSWR Detector
12/2019-Rev. A to Rev. B
More results


Similar Description - DC2841A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8614 LINER-LT8614 Datasheet
252Kb / 6P
42V, 4A Micropower Synchronous Step-Down Silent Switcher
LT8640 LINER-LT8640 Datasheet
295Kb / 6P
42V, 5A Micropower Synchronous Step-Down Silent Switcher
LT8640S LINER-LT8640S Datasheet
569Kb / 8P
42V, 6A Micropower Synchronous Step-Down Silent Switcher 2
LT8646S LINER-LT8646S Datasheet
570Kb / 8P
65V, 8A Synchronous Step-Down Silent Switcher 2
LT8642S LINER-LT8642S Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher 2
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LT8650S-1 AD-LT8650S-1 Datasheet
1Mb / 32P
Dual Channel 4A, 42V, Synchronous Step-Down Silent Switcher
LT8638S AD-LT8638S Datasheet
2Mb / 28P
42V, 10A/12A Peak Synchronous Step-Down Silent Switcher 2
LT8644S AD-LT8644S Datasheet
1Mb / 22P
8V, 16A Synchronous Step-Down Silent Switcher 2
LT8638-2 AD-LT8638-2 Datasheet
984Kb / 35P
42V, 10A/12A Peak Synchronous Step-Down Silent Switcher
Rev.0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com