Electronic Components Datasheet Search
  English  ▼

X  

84-0200.7 Datasheet (PDF) - EAO AG.

84-0200.7 Datasheet PDF - EAO AG.
Part # 84-0200.7
Download  84-0200.7 Download
File Size   5333.11 Kbytes
Page   13 Pages
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.
Description 22.5 mm IP67 42 V 100 mA E-stop: IP65 3 A 250 VAC

84-0200.7 Datasheet (PDF)

Go To PDF Page Download Datasheet
84-0200.7 Datasheet PDF - EAO AG.

Part # 84-0200.7
Download  84-0200.7 Click to download

File Size   5333.11 Kbytes
Page   13 Pages
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.
Description 22.5 mm IP67 42 V 100 mA E-stop: IP65 3 A 250 VAC

84-0200.7 Datasheet (HTML) - EAO AG.


84-0200.7 Product details

126Emergency-stop switchesIP65 Protection
• (Emergency-stop switches)Switch Rating for emergency-stop switch:
• 3 A/120 VAC, 1.5 A/240 VACLED Voltage for Emergency-stop switch:
• 5-30 VDCCompact Emergency-stop meets
• EN 60947-5-1, EN 60947-5-5
and DIN EN ISO 13850Mounting into 22.5 mm mounting hole
• Switching elements with solder/plug-in
• terminal or ribbon cable, 300 mm long




Similar Part No. - 84-0200.7

ManufacturerPart #DatasheetDescription
logo
EAO AG.
84-0200.7 EAO-84-0200.7 Datasheet
1Mb / 50P
Devices raised mounting
05.2009
More results


Similar Description - 84-0200.7

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
X25UFG VMI-X25UFG Datasheet
94Kb / 2P
2,500 V - 10,000 V Rectifiers 100 mA - 250 mA Forward Current 100 ns Recovery Time
logo
Schurter Inc.
00346914 SCHURTER-00346914 Datasheet
516Kb / 3P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MXT250 SCHURTER-MXT250 Datasheet
354Kb / 3P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MXT250 SCHURTER-MXT250_18 Datasheet
386Kb / 4P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
logo
Nexperia B.V. All right...
BAT46GW NEXPERIA-BAT46GW Datasheet
693Kb / 13P
100 V, 250 mA Schottky barrier diode
logo
Kemet Corporation
MA-2043 KEMET-MA-2043 Datasheet
91Kb / 1P
KEMET, MA, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 4 A
MR-2032 KEMET-MR-2032 Datasheet
94Kb / 1P
KEMET, MR, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 3 A
GL-2030H2 KEMET-GL-2030H2 Datasheet
59Kb / 1P
KEMET, GL, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 3 A
logo
Schurter Inc.
MXT250 SCHURTER-MXT250_V01 Datasheet
394Kb / 4P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MXT250 SCHURTER-MXT250_V02 Datasheet
394Kb / 4P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
04.01.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com