Electronic Components Datasheet Search
  English  ▼

X  

LTC3784 Datasheet (PDF) - Analog Devices

LTC3784 Datasheet PDF - Analog Devices
Part # LTC3784
Download  LTC3784 Download
File Size   402.26 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTC3784 High Efficiency PolyPhase® Synchronous Boost Converter

LTC3784 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3784 Datasheet PDF - Analog Devices

Part # LTC3784
Download  LTC3784 Click to download

File Size   402.26 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTC3784 High Efficiency PolyPhase® Synchronous Boost Converter

LTC3784 Datasheet (HTML) - Analog Devices


LTC3784 Product details

DESCRIPTION
Demonstration circuit DC2061 is a DC/DC synchronous
boost converter featuring the LTC®3784 constant
frequency current mode synchronous boost
controller. The DC2061A operates over a 6V to 60V
input, develops a 48V output and provides 3A to 12A
of output current as shown in Figure 3. The 150kHz
(2 • 150kHz at the output) constant frequency operation
results in a small and efficient circuit. The converter provides
high output voltage accuracy (typically ±3%) over
wide load range with no minimum load requirement. The
demonstration circuit can be easily modified to generate
different output voltages.
The DC2061 has a small circuit footprint. It is a high performance
and cost effective solution for telecom, automotive
and Power over Ethernet applications.




Similar Part No. - LTC3784

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3784 LINER-LTC3784 Datasheet
523Kb / 38P
60V PolyPhase Synchronous Boost Controller
LTC3784 LINER-LTC3784 Datasheet
920Kb / 38P
60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3784 LINER-LTC3784 Datasheet
984Kb / 28P
Fixed Ratio High Power Inductorless (Charge Pump) DC/DC Controller
LTC3784 LINER-LTC3784 Datasheet
1Mb / 24P
A 7-Bit Current DAC with PMBus Interface
logo
Analog Devices
LTC3784 AD-LTC3784 Datasheet
1Mb / 48P
PolyPhase Synchronous Boost Controller with PMBus Interface
More results


Similar Description - LTC3784

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3787 LINER-LTC3787 Datasheet
373Kb / 36P
PolyPhase Synchronous Boost Controller
LTC3787 LINER-LTC3787_15 Datasheet
372Kb / 36P
PolyPhase Synchronous Boost Controller
logo
Monolithic Power System...
EV3908DK-00B MPS-EV3908DK-00B Datasheet
260Kb / 5P
High Efficiency Synchronous Boost Converter EV Board
logo
Linear Technology
LTM4607EV LINER-LTM4607EV Datasheet
489Kb / 12P
High Efficiency PolyPhase Buck-Boost Power Supply
logo
uPI Group Inc.
UP6010Q UPI-UP6010Q Datasheet
297Kb / 15P
High Efficiency Synchronous Rectifier Boost Converter
UP6014 UPI-UP6014 Datasheet
858Kb / 15P
High Efficiency Synchronous Rectifier Boost Converter
logo
E-CMOS Corporation
EC90X9 E-CMOS-EC90X9 Datasheet
574Kb / 9P
High efficiency synchronous boost converter
logo
SHOUDING Shouding Semic...
SD6304 SHOUDING-SD6304 Datasheet
2Mb / 12P
High efficiency synchronous boost DC-DC converter
logo
Shenzhen Huazhimei Semi...
HM6380 HMSEMI-HM6380 Datasheet
1Mb / 13P
Low-power, high-efficiency synchronous boost converter
HM5175 HMSEMI-HM5175 Datasheet
754Kb / 11P
500kHz 6A High Efficiency Synchronous PWM Boost Converter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com