Electronic Components Datasheet Search
  English  ▼

X  

DC1811B-A Datasheet (PDF) - Analog Devices

DC1811B-A Datasheet PDF - Analog Devices
Part # DC1811B-A
Download  DC1811B-A Download
File Size   1536.0 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTM4676A Dual Step-Down μModule Regulator with PMBus Digital Power System Management

DC1811B-A Datasheet (PDF)

Go To PDF Page Download Datasheet
DC1811B-A Datasheet PDF - Analog Devices

Part # DC1811B-A
Download  DC1811B-A Click to download

File Size   1536.0 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTM4676A Dual Step-Down μModule Regulator with PMBus Digital Power System Management

DC1811B-A Datasheet (HTML) - Analog Devices


DC1811B-A Product details

DESCRIPTION
Demonstration circuit 1811B-B is a dual-output, high
efficiency, high density, μModule® regulator with 4.5V to
26.5V input range. Each output can supply 13A maximum
load current. The demo board has a LTM®4676A μModule
regulator, which is a dual 13A or single 26A step-down
regulator with PMBus power system management. Please
see LTM4676A data sheet for more detailed information.
The DC1811B-B powers up to default settings and produces
power based on configuration resistors without
the need for any serial bus communication. This allows
easy evaluation of the DC/DC converter. To fully explore
the extensive power system management features of the
part, download the GUI software LTpowerPlay® onto your
PC and use ADI’s I2C/SMBus/PMBus dongle DC1613A
to connect to the board. LTpowerPlay allows the user to
reconfigure the part on-the-fly and store the configuration
in EEPROM, view telemetry of voltage, current, temperature
and fault status.




Similar Part No. - DC1811B-A

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
DC1811 INTRONICS-DC1811 Datasheet
182Kb / 1P
25 Watt Single Dual Triple & 3.3V Output DC-DC Converters
More results


Similar Description - DC1811B-A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3880 LINER-LTC3880_15 Datasheet
1Mb / 116P
Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LTC3886 LINER-LTC3886_15 Datasheet
2Mb / 116P
60V Dual Output Step-Down Controller with Digital Power System Management
LTC3886IUKG LINER-LTC3886IUKG Datasheet
3Mb / 26P
60V Dual Output Step-Down DC/DC Controller with Digital Power System Management
LTC3887EUJ LINER-LTC3887EUJ Datasheet
1Mb / 14P
Step-Down DC/DC Controller with Digital Power System Management
LTC3887EUJ-1 LINER-LTC3887EUJ-1 Datasheet
699Kb / 12P
Dual Output PolyPhase Step-Down DC/DC Converter with Digital Power System Management
LTM4676AEY LINER-LTM4676AEY Datasheet
1Mb / 16P
130A Step-Down 關Module Regulator with PMBus Power System Management
LTM4676EY LINER-LTM4676EY Datasheet
2Mb / 10P
26A Step-Down 關Module Regulator with PMBus Power System Management
logo
Analog Devices
LTC3886 AD-LTC3886 Datasheet
2Mb / 122P
60V Dual Output Step-Down Controller with Digital Power System Management
9/18-REV.F
LTM4700 AD-LTM4700 Datasheet
3Mb / 126P
Dual 50A or Single 100A μModule Regulator with Digital Power System Management
LTM4683 AD-LTM4683 Datasheet
5Mb / 132P
Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com