Electronic Components Datasheet Search
  English  ▼

X  

DC1748A Datasheet (PDF) - Analog Devices

DC1748A Datasheet PDF - Analog Devices
Part # DC1748A
Download  DC1748A Download
File Size   478.65 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTM2883 SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power

DC1748A Datasheet (PDF)

Go To PDF Page Download Datasheet
DC1748A Datasheet PDF - Analog Devices

Part # DC1748A
Download  DC1748A Click to download

File Size   478.65 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTM2883 SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power

DC1748A Datasheet (HTML) - Analog Devices


DC1748A Product details

DESCRIPTION
Demonstration circuit 1748A is a serial peripheral interface
bus (SPI) or inter-IC bus (I2C) SPI/digital or I2C μModule
isolator with adjustable ±12.5V and 5V regulated power
featuring the LTM2883. The demo circuit features an EMI
optimized circuit confi guration and printed circuit board
layout. All components are integrated into the μModule
isolator. The demo circuit operates from a single external
supply on VCC. The part generates output voltages on VCC2,
V+, and V–, which may be adjusted by external programming
resistors. It communicates all necessary signaling
across the isolation barrier through LTC’s isolator μModule
technology.




Similar Part No. - DC1748A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
DC1743A LINER-DC1743A Datasheet
381Kb / 8P
8A, High Voltage Power µModule Regulator
logo
Analog Devices
DC1746A AD-DC1746A Datasheet
474Kb / 6P
LTM2881: Isolated RS485/RS422 μModule Transceiver Power
REV 1 Thursday, October 28, 2010
DC1746A-B AD-DC1746A-B Datasheet
474Kb / 6P
LTM2881: Isolated RS485/RS422 μModule Transceiver Power
REV 1 Thursday, October 28, 2010
More results


Similar Description - DC1748A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2883 LINER-LTM2883 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTM2883_1211 LINER-LTM2883_1211 Datasheet
761Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTM2883 LINER-LTM2883_15 Datasheet
869Kb / 36P
SPI/Digital or I2C Module Isolator with Adjustable 12.5V and 5V Regulated Power
LTM2892 LINER-LTM2892_15 Datasheet
649Kb / 36P
SPI/Digital or I2C Module Isolator
LTM2886 LINER-LTM2886 Datasheet
999Kb / 38P
SPI/Digital or I2C 關Module Isolator with Fixed 짹5V and Adjustable 5V Regulated Power
LTM2887 LINER-LTM2887 Datasheet
591Kb / 38P
SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
LTM2892 LINER-LTM2892 Datasheet
655Kb / 38P
SPI/Digital or I2C 關Module Isolator
logo
Maxim Integrated Produc...
MAX14483 MAXIM-MAX14483_V01 Datasheet
1,022Kb / 26P
6-Channel, Low-Power, 3.75kVRMS, SPI Digital Isolator
2020
logo
Analog Devices
LTM2810 AD-LTM2810 Datasheet
1Mb / 30P
7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
Rev. A
LTM4700 AD-LTM4700 Datasheet
3Mb / 126P
Dual 50A or Single 100A μModule Regulator with Digital Power System Management
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com