Electronic Components Datasheet Search
  English  ▼

X  

WICTOOL Datasheet (PDF) - HellermannTyton.

WICTOOL Datasheet PDF - HellermannTyton.
Part # WICTOOL
Download  WICTOOL Download
File Size   139.5 Kbytes
Page   3 Pages
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.
Description Wire and Cable Markers

WICTOOL Datasheet (PDF)

Go To PDF Page Download Datasheet
WICTOOL Datasheet PDF - HellermannTyton.

Part # WICTOOL
Download  WICTOOL Click to download

File Size   139.5 Kbytes
Page   3 Pages
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.
Description Wire and Cable Markers

WICTOOL Datasheet (HTML) - HellermannTyton.


WICTOOL Product details

Features and Benefits
This fast and easy to use snap-on marker is
ideal for use in areas where termination has
been completed or where systems need to
remain switched on.
WIC is especially engineered to remain in
place even under continuous vibration.
The robust locking mechanism ensures that
the marker legend is always visible on the
cable in areas of vibration or other cable
movement.
WIC markers are fitted by simply clicking them
on using the WIC tool. The WIC tool can be
used for all sizes and takes up to 20 markers.
WIC is manufactured from a halogen free
material and is ROHS compliant.
Application
Applying the markers can be done either by
hand or with the ergonomically designed
WIC Tool.
Simply snap the marker onto the wire, twist
and then reapply the next marker.
The WIC Tool is unique as it can accomodate
all three sizes of WIC.




Similar Part No. - WICTOOL

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
WIC2-0-9-PA-YE-T1 HELLERMANNTYTON-WIC2-0-9-PA-YE-T1 Datasheet
3Mb / 8P
Pre-printed Cable Markers
logo
Laird Tech Smart Techno...
WIC2452-A LSTD-WIC2452-A Datasheet
1Mb / 21P
Minor grammatical fixes
logo
HellermannTyton.
WIC3-0-9-PA-YE-C1 HELLERMANNTYTON-WIC3-0-9-PA-YE-C1 Datasheet
3Mb / 8P
Pre-printed Cable Markers
logo
Vishay Siliconix
WICCFL1 VISHAY-WICCFL1 Datasheet
124Kb / 5P
Inverter for CCFL Lamp
01-Oct-02
WICCFL2 VISHAY-WICCFL2 Datasheet
124Kb / 5P
Inverter for CCFL Lamp
01-Oct-02
More results


Similar Description - WICTOOL

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
023470-000 MACOM-023470-000 Datasheet
168Kb / 2P
Snap-On wire markers
030648-000 MACOM-030648-000 Datasheet
168Kb / 2P
Pre-Printed Wire and Cable Markers
logo
TE Connectivity Ltd
TTDS-025 TEC-TTDS-025 Datasheet
355Kb / 2P
K-Type Cable Markers
logo
Weidmuller
0251311696 WEIDMULLER-0251311696 Datasheet
294Kb / 3P
CableLine, Conductor and cable markers, 4 - 10mm
October 16, 2021
0252111696 WEIDMULLER-0252111696 Datasheet
327Kb / 8P
CableLine, Conductor and cable markers, 1.3 - 3mm
October 17, 2021
0252611653 WEIDMULLER-0252611653 Datasheet
330Kb / 8P
CableLine, Conductor and cable markers, 2.5 - 5mm
October 17, 2021
0252611655 WEIDMULLER-0252611655 Datasheet
330Kb / 8P
CableLine, Conductor and cable markers, 2.5 - 5mm
October 17, 2021
0252611657 WEIDMULLER-0252611657 Datasheet
330Kb / 8P
CableLine, Conductor and cable markers, 2.5 - 5mm
October 17, 2021
1109180000 WEIDMULLER-1109180000 Datasheet
228Kb / 4P
THM, Conductor and cable markers, 8.1 - 39.7mm
September 19, 2021
1109190000 WEIDMULLER-1109190000 Datasheet
229Kb / 4P
THM, Conductor and cable markers, 39.7 mm
September 19, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com