Electronic Components Datasheet Search
  English  ▼

X  

100201200 Datasheet (PDF) - Norgren Ltd

100201200 Datasheet PDF - Norgren Ltd
Part # 100201200
Download  100201200 Download
File Size   859.58 Kbytes
Page   14 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description Push-in fittings

100201200 Datasheet (PDF)

Go To PDF Page Download Datasheet
100201200 Datasheet PDF - Norgren Ltd

Part # 100201200
Download  100201200 Click to download

File Size   859.58 Kbytes
Page   14 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description Push-in fittings

100201200 Datasheet (HTML) - Norgren Ltd


100201200 Product details

>> Port size: Ø 4 ... 14 mm
O/D tube, BSP threads
>> Very compact units
>> Easy tube insertion for
rapid assembly of
pneumatic circuits
>> Positive tube
anchorage
>> All BSP taper threads
pre-coated with non-
PTFE based sealant
>> Straight adaptors
feature internal
hexagon for allen key
>> VMQ free ‘O’-rings




Similar Part No. - 100201200

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100201220002 ERNI-100201220002 Datasheet
91Kb / 1P
0,8 DRC-Q, M 2mm, 16 polig
100201240001 ERNI-100201240001 Datasheet
71Kb / 1P
Messerl. SMC-Q 12-SMD-BA7-13
100201250001 ERNI-100201250001 Datasheet
179Kb / 1P
ERMETZD MESSERLEISTE 4-10
More results


Similar Description - 100201200

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-16C04 GLENAIR-M24758-16C04 Datasheet
51Kb / 2P
Adapter for Miscellaneous Fittings
M24758-6-16-A GLENAIR-M24758-6-16-A Datasheet
79Kb / 1P
Conduit-to-Pipe Fittings
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
Adapter for Miscellaneous Fittings
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
bUTTWELD fittings
logo
List of Unclassifed Man...
KQ2 ETC-KQ2 Datasheet
10Mb / 120P
One-touch Fittings
C02250605 ETC1-C02250605 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
2015
logo
Norgren Ltd
10125 NORGREN-10125 Datasheet
8Mb / 18P
PNEUFIT 10 series Push-in fittings
03/23
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
M0020 NORGREN-M0020 Datasheet
1Mb / 4P
Pneufit® M PUSH-IN fittings, metric
1/19
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com