Electronic Components Datasheet Search
  English  ▼

X  

DTA124TM Datasheet (PDF) - Rohm

DTA124TM Datasheet PDF - Rohm
Part # DTA124TM
Download  DTA124TM Download
File Size   1588.85 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)

DTA124TM Datasheet (PDF)

Go To PDF Page Download Datasheet
DTA124TM Datasheet PDF - Rohm

Part # DTA124TM
Download  DTA124TM Click to download

File Size   1588.85 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)

DTA124TM Datasheet (HTML) - Rohm


DTA124TM Product details

lFeatures
1) Built-In Biasing Resistors, R1 = 22kΩ
2) Built-in bias resistors enable the configuration of
an inverter circuit without connecting external
input resistors (see inner circuit) .
3) Only the on/off conditions need to be set
for operation, making the circuit design easy.
4) Complementary NPN Types: DTC124T series




Similar Part No. - DTA124TM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA124TM ROHM-DTA124TM Datasheet
55Kb / 3P
Digital transistors (built in resistor)
DTA124TM ROHM-DTA124TM Datasheet
145Kb / 3P
-100mA / -50V Digital transistors (with built-in resistors)
DTA124TM ROHM-DTA124TM Datasheet
1Mb / 8P
PNP -100mA -50V Digital Transistor
More results


Similar Description - DTA124TM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA123JEBHZG ROHM-DTA123JEBHZG Datasheet
849Kb / 8P
PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA123JUBHZG ROHM-DTA123JUBHZG Datasheet
851Kb / 8P
PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA124EEBHZG ROHM-DTA124EEBHZG Datasheet
1Mb / 8P
PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA143EEBHZGTL ROHM-DTA143EEBHZGTL Datasheet
805Kb / 8P
PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA143EUBHZG ROHM-DTA143EUBHZG Datasheet
771Kb / 7P
PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA123YU3HZG ROHM-DTA123YU3HZG Datasheet
1Mb / 9P
PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA124EU3HZG ROHM-DTA124EU3HZG Datasheet
1Mb / 9P
PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA124TCA ROHM-DTA124TCA Datasheet
947Kb / 8P
PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA143EU3HZG ROHM-DTA143EU3HZG Datasheet
853Kb / 9P
PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA115EU3HZG ROHM-DTA115EU3HZG Datasheet
1Mb / 9P
PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com