Electronic Components Datasheet Search
  English  ▼

X  

9799905 Datasheet (PDF) - KNIPEX

9799905 Datasheet PDF - KNIPEX
Part # 9799905
Download  9799905 Download
File Size   107.5 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Assortment Boxes With insulated wire ferrules

9799905 Datasheet (PDF)

Go To PDF Page Download Datasheet
9799905 Datasheet PDF - KNIPEX

Part # 9799905
Download  9799905 Click to download

File Size   107.5 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Assortment Boxes With insulated wire ferrules

9799905 Datasheet (HTML) - KNIPEX


9799905 Product details

General
Article No. 97 99 905
EAN 4003773082446
Weight 70 g
Dimensions 90 x 44 mm
Standard DIN 46228-4: 2020-03
Reach no
RohS no




Similar Part No. - 9799905

ManufacturerPart #DatasheetDescription
logo
KNIPEX
9799906 KNIPEX-9799906 Datasheet
112Kb / 1P
Assortment Boxes With insulated wire ferrules
05.07.2021
9799907 KNIPEX-9799907 Datasheet
113Kb / 1P
Assortment Boxes With insulated wire ferrules
05.07.2021
9799908 KNIPEX-9799908 Datasheet
114Kb / 1P
Assortment Boxes With Twin wire ferrules
05.07.2021
9799909 KNIPEX-9799909 Datasheet
112Kb / 1P
Assortment Boxes With Twin wire ferrules
05.07.2021
More results


Similar Description - 9799905

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GWE6-12 ETC2-GWE6-12 Datasheet
123Kb / 1P
Ferrules INSULATED (INDUSTRIAL STANDARD)
MB6W ETC2-MB6W Datasheet
541Kb / 3P
Multipurpose Boxes with Lids
TWE10-12 ETC2-TWE10-12 Datasheet
144Kb / 1P
Ferrules INSULATED (INDUSTRIAL STANDARD)
logo
PANDUIT CORP.
F82-12-M PANDUIT-F82-12-M Datasheet
84Kb / 2P
Ferrules, Non-Insulated
logo
Weidmuller
9025390000 WEIDMULLER-9025390000 Datasheet
223Kb / 2P
Assortment of wire end ferrules, Box, Colour code: Weidm체ller
September 28, 2021
9025410000 WEIDMULLER-9025410000 Datasheet
152Kb / 2P
Assortment of wire end ferrules, Box, Colour code: Weidm체ller
September 28, 2021
9025430000 WEIDMULLER-9025430000 Datasheet
152Kb / 2P
Assortment of wire end ferrules, Box, Colour code: DIN
September 28, 2021
9025900000 WEIDMULLER-9025900000 Datasheet
151Kb / 2P
Assortment of wire end ferrules, Box, Colour code:Weidm체ller
September 28, 2021
logo
SparkFun Electronics
PRT-11367 SPARKFUN-PRT-11367 Datasheet
94Kb / 1P
Hook-Up Wire - Assortment (Solid Core, 22 AWG)
3/8/2016
PRT-11375 SPARKFUN-PRT-11375 Datasheet
95Kb / 1P
Hook-Up Wire - Assortment (Stranded, 22 AWG)
3/8/2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com