Electronic Components Datasheet Search
  English  ▼

X  

36912000000 Datasheet (PDF) - Rohm

36912000000 Datasheet PDF - Rohm
Part # 36912000000
Download  36912000000 Download
File Size   3716.8 Kbytes
Page   17 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description AC/DC Convertor Isolated PWM type, 12 W (12 V/1.0 A)

36912000000 Datasheet (PDF)

Go To PDF Page Download Datasheet
36912000000 Datasheet PDF - Rohm

Part # 36912000000
Download  36912000000 Click to download

File Size   3716.8 Kbytes
Page   17 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description AC/DC Convertor Isolated PWM type, 12 W (12 V/1.0 A)

36912000000 Datasheet (HTML) - Rohm


36912000000 Product details

Futures
(1) Built-in 650 V SJ-FET and Start up circuit
(2) Frequency 130 kHz
(3) Corresponded W/W input voltage 90 Vac to 264 Vac
(4) Adjustable under voltage lock out by BR terminal
(5) Adjustable AC over voltage protection by ZT terminal




Similar Part No. - 36912000000

ManufacturerPart #DatasheetDescription
logo
Littelfuse
36912000000 LITTELFUSE-36912000000 Datasheet
176Kb / 3P
Radial Lead Fuses
More results


Similar Description - 36912000000

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T Datasheet
433Kb / 12P
ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
0RQB-C5T BEL-0RQB-C5T Datasheet
466Kb / 12P
ISOLATED DC/DC CONVERTERS 48 V Input 12 V/12 A, 3.3 V/46 A, 5 V/30 A, 1.2 V - 2.5 V/50 A
XRAH-12FXX0 BEL-XRAH-12FXX0 Datasheet
242Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 1.0 V-3.3 V/12 A Output
logo
Texas Instruments
PTEA404120 TI-PTEA404120 Datasheet
345Kb / 14P
50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
logo
Power Systems GmbH+Co.K...
PS-DA0211-01 POWER-SYSTEMS-PS-DA0211-01 Datasheet
336Kb / 4P
DC-AC INVERTER UNIT 12 W DUAL OUTPUTS
PS-DA0211-04 POWER-SYSTEMS-PS-DA0211-04 Datasheet
230Kb / 4P
DC-AC INVERTER UNIT 12 W DUAL OUTPUTS
PS-DA0245-01 POWER-SYSTEMS-PS-DA0245-01 Datasheet
269Kb / 4P
DC-AC INVERTER UNIT 12 W DUAL OUTPUTS
logo
Artesyn Technologies
SMT05E-12W3V3J ARTESYN-SMT05E-12W3V3J_15 Datasheet
527Kb / 3P
12 V Non-Isolated DC-DC Converters
logo
Rohm
BM2PXX1W-Z ROHM-BM2PXX1W-Z Datasheet
1Mb / 32P
AC/DC Convertor IC Non-isolated Type PWM DC/DC Converter IC Built-in Switching MOSFET
20.May.2022 Rev.002
logo
Advantech Co., Ltd.
BB-SMI6B-12-4-P5 ADVANTECH-BB-SMI6B-12-4-P5 Datasheet
586Kb / 2P
AC-DC Power Supply 6W, 12 V, 0.5 A
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com