Electronic Components Datasheet Search
  English  ▼

X  

AD8216 Datasheet (PDF) - Analog Devices

AD8216 Datasheet PDF - Analog Devices
Part # AD8216
Download  AD8216 Download
File Size   349.51 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Bandwidth, Bidirectional 65 V Difference Amplifier

AD8216 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8216 Datasheet PDF - Analog Devices

Part # AD8216
Download  AD8216 Click to download

File Size   349.51 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Bandwidth, Bidirectional 65 V Difference Amplifier

AD8216 Datasheet (HTML) - Analog Devices


AD8216 Product details

FEATURES
±4000 V HBM ESD
Ideal for current shunt applications
High common-mode voltage range
−4 V to +65 V operating
−40 V to +80 V survival
3 MHz bandwidth
<100 ns output propagation delay
Gain: 3 V/V
Wide operating temperature range
Die: −40°C to +150°C
8-lead SOIC: −40°C to +125°C
Adjustable output offset
Available in 8-lead SOIC
Excellent ac and dc performance
10 μV/°C offset drift
10 ppm/°C gain drift
Qualified for automotive applications

APPLICATIONS
High-side current sensing in
DC-to-dc converters
Motor controls
Transmission controls
Diesel-injection controls
Engine management
Suspension controls
Vehicle dynamic controls




Similar Part No. - AD8216

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8216 AD-AD8216 Datasheet
429Kb / 16P
High Bandwidth, Bidirectional 65 V Difference Amplifier
REV. 0
logo
Aavid, Thermal Division...
AD8216 AAVID-AD8216 Datasheet
375Kb / 16P
Very Low Distortion, Precision Difference Amplifier
Rev. C
AD8216 AAVID-AD8216 Datasheet
398Kb / 16P
G = 0.2, Level Translation, 16-Bit ADC Driver
Rev. A
logo
Analog Devices
AD8216 AD-AD8216 Datasheet
513Kb / 24P
Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
AD8216 AD-AD8216 Datasheet
605Kb / 20P
Precision Dual-Channel, Difference Amplifier
REV. 0
More results


Similar Description - AD8216

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8216 AD-AD8216 Datasheet
429Kb / 16P
High Bandwidth, Bidirectional 65 V Difference Amplifier
REV. 0
AD8207 AD-AD8207 Datasheet
441Kb / 16P
Zero-Drift, High Voltage, Bidirectional Difference Amplifier
REV. 0
AD8216 AD-AD8216_15 Datasheet
377Kb / 16P
High Bandwidth, Bidirectional 65 V Difference Amplifier
REV. B
logo
Texas Instruments
LMP8271 TI1-LMP8271 Datasheet
449Kb / 17P
Bidirectional Precision Voltage Difference Amplifier
LMP8276 TI1-LMP8276 Datasheet
412Kb / 16P
Bidirectional Precision Voltage Difference Amplifier
INA592 TI1-INA592 Datasheet
442Kb / 20P
High-Precision, Wide-Bandwidth e-trim Difference Amplifier
INA597 TI1-INA597 Datasheet
1Mb / 40P
INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V01 Datasheet
2Mb / 44P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA597 TI-INA597_V01 Datasheet
2Mb / 42P
INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V04 Datasheet
3Mb / 48P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com