Electronic Components Datasheet Search
  English  ▼

X  

BD80C0AFPS-C Datasheet (PDF) - Rohm

BD80C0AFPS-C Datasheet PDF - Rohm
Part # BD80C0AFPS-C
Download  BD80C0AFPS-C Download
File Size   1953.37 Kbytes
Page   26 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description For Automotive 1A, 8.0V Output LDO Regulator

BD80C0AFPS-C Datasheet (PDF)

Go To PDF Page Download Datasheet
BD80C0AFPS-C Datasheet PDF - Rohm

Part # BD80C0AFPS-C
Download  BD80C0AFPS-C Click to download

File Size   1953.37 Kbytes
Page   26 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description For Automotive 1A, 8.0V Output LDO Regulator

BD80C0AFPS-C Datasheet (HTML) - Rohm


BD80C0AFPS-C Product details

Features
 AEC-Q100 Qualified(Note 1)
 Over Current Protection (OCP)
 Thermal Shutdown Protection (TSD)
(Note 1) Grade 1




Similar Part No. - BD80C0AFPS-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD80C0AFPS-C ROHM-BD80C0AFPS-C Datasheet
1Mb / 27P
For Automotive 1A, 8.0V Output LDO Regulator
More results


Similar Description - BD80C0AFPS-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
BD00GC0WEFJ-E2 ROHM-BD00GC0WEFJ-E2 Datasheet
476Kb / 22P
1A Variable Fixed Output LDO Regulator
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
1A Variable Output LDO Regulator
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
Single-Output LDO Regulator 1A Fixed Output LDO Regulators
logo
Asahi Kasei Microsystem...
AP1154ADLXX AKM-AP1154ADLXX Datasheet
1Mb / 31P
14V Input / 1A Output LDO Regulator
AP1154ADL21 AKM-AP1154ADL21 Datasheet
1Mb / 31P
14V Input / 1A Output LDO Regulator
AP1154ADL50 AKM-AP1154ADL50 Datasheet
1Mb / 31P
14V Input / 1A Output LDO Regulator
logo
Rohm
BD80C0AFPS-C ROHM-BD80C0AFPS-C Datasheet
1Mb / 27P
For Automotive 1A, 8.0V Output LDO Regulator
logo
Maxim Integrated Produc...
MAX25301A MAXIM-MAX25301A Datasheet
468Kb / 15P
1A Automotive Low-Noise LDO Linear Regulator
2020
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com