Electronic Components Datasheet Search
  English  ▼

X  

9503160SB Datasheet (PDF) - KNIPEX

9503160SB Datasheet PDF - KNIPEX
Part # 9503160SB
Download  9503160SB Download
File Size   117.36 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Shears For KEVLAR® fibres

9503160SB Datasheet (PDF)

Go To PDF Page Download Datasheet
9503160SB Datasheet PDF - KNIPEX

Part # 9503160SB
Download  9503160SB Click to download

File Size   117.36 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Shears For KEVLAR® fibres

9503160SB Datasheet (HTML) - KNIPEX


9503160SB Product details

General
Article No. 95 03 160 SB
EAN 4003773043362
Shears chrome-plated
Handles plastic coated
Weight 85 g
Dimensions 160 x 95 x 20 mm
Reach no
RohS no




Similar Part No. - 9503160SB

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
9503 KEYSTONE-9503 Datasheet
237Kb / 1P
4-40 FLAT HEAD SCREW
logo
Belden Inc.
9503 BELDEN-9503 Datasheet
197Kb / 2P
RS-232, #24-3pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
04-19-2023
logo
Keystone Electronics Co...
9503 KEYSTONE-9503 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Abbatron All Rights Res...
9503 ABBATRON-9503 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Belden Inc.
9503.0030 BELDEN-9503.0030 Datasheet
197Kb / 2P
RS-232, #24-3pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
04-19-2023
More results


Similar Description - 9503160SB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
102-071-004 GLENAIR-102-071-004 Datasheet
81Kb / 1P
Kevlar Tubular Braid
102-071-004W GLENAIR-102-071-004W Datasheet
197Kb / 1P
Kevlar Braid
102-071-008 GLENAIR-102-071-008 Datasheet
81Kb / 1P
Kevlar Tubular Braid for Series 72 & 74 Tubing and Series 75 Conduit
logo
Toshiba Semiconductor
TC35667FTG TOSHIBA-TC35667FTG Datasheet
755Kb / 26P
TC35667FTG Bluetooth® LE Single IC For Bluetooth® Smart
November 2014 Rev 1.x
logo
Advantech Co., Ltd.
FWA-2012 ADVANTECH-FWA-2012 Datasheet
507Kb / 2P
Rackmount Platform for Network Application with Intel® Atom® C3000 Processor
11-May-2020
logo
Multi-Tech Systems, Inc...
86002211 MULTITECH-86002211 Datasheet
554Kb / 4P
Access Point for LoRa® Technology
2022-06
86002212 MULTITECH-86002212 Datasheet
626Kb / 4P
Access Point for LoRa® Technology
2022-06
86002215 MULTITECH-86002215 Datasheet
692Kb / 4P
IP67 Conduit for Outdoor LoRa® Deployments
2022-02
logo
Lapp.
10015000 LAPP-10015000 Datasheet
66Kb / 1P
EPIC® PROTECTIVE COVER FOR H-B
17.09.2018
11147000 LAPP-11147000 Datasheet
269Kb / 2P
EPIC® TOOLS FOR CONTACTS
17.09.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com